Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16715A Datasheet(PDF) 11 Page - NEC

Part # UPD16715A
Description  384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16715A Datasheet(HTML) 11 Page - NEC

Back Button UPD16715A Datasheet HTML 7Page - NEC UPD16715A Datasheet HTML 8Page - NEC UPD16715A Datasheet HTML 9Page - NEC UPD16715A Datasheet HTML 10Page - NEC UPD16715A Datasheet HTML 11Page - NEC UPD16715A Datasheet HTML 12Page - NEC UPD16715A Datasheet HTML 13Page - NEC UPD16715A Datasheet HTML 14Page - NEC UPD16715A Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet S13944EJ2V0DS00
11
µµµµ PD16715A
Electrical Characteristics (TA = –10 to +75 °C, VDD1 = 3.3 V
±±±± 0.3 V, VDD2 = 11.0 V
V, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input Leak Current
IIL
±1.0
µA
High-Level Output Voltage
VOH
STHR (STHL), IOH = 0 mA
VDD1
− 0.1
VDD1
V
Low-Level Output Voltage
VOL
STHR (STHL), IOL = 0 mA
0.1
V
V0 pin, V5 pin
0.31
0.8
mA
γ -Corrected Supply Current
Iγ
VDD2 = 13 V,
V0 to V4 = V5 to V9 = 6.0 V
V4 pin, V9 pin
–0.8
–0.31
mA
IVOH
VX = 8.0 V, VOUT = 6.0 V
–0.25
mA
Driver Output Current
IVOL
VX = 1.0 V, VOUT = 3.0 V
0.25
mA
Output Voltage Deviation
∆VO
Input data
±20
mV
Average Output Voltage
Variation
∆VAV
Input data
±10
mV
Output Voltage Range
VO
Input data
VDD2 +0.1
VDD2 – 0.1
V
Logic Part Dynamic Current
Consumption
IDD1
VDD1 = 3.6 V, TA = 25°C
1.5
8
mA
Driver Part Dynamic Current
Consumption
IDD2
VDD1 = 3.0 V, VDD2 = 13.5 V, No loads,
TA = 25°C
3.5
8
mA
Cautions 1. The output voltage deviation refers to the voltage difference between adjoining output pins when
the display data is the same (within the chip).
2.
The average output voltage variation refers to the average output voltage difference between
chips. The average output voltage refers to the average voltage between chips when the
display data is the same.
3.
The STB cycle is defined to be 20
µµµµs at fCLK = 33 MHz.
4.
The TYP. values refer to an all black or all white input pattern. The MAX. value refers to the
measured values in the dot checkerboard input pattern.
5.
Refers to the current consumption per driver when cascades are connected under the
assumption of XGA single-sided mounting (8 units).
Switching Characteristics (TA = –10 to +75 °C, VDD1 = 3.3 V
±±±± 0.3 V, VDD2 = 11.0 V
V, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Start Pulse Delay Time
tPLH1
CL = 25 pF
9.1
14
ns
tPLH2
5.2
11
µs
tPLH3
9.9
17
µs
tPHL2
5.3
11
µs
Driver Output Delay Time
tPHL3
CL = 50 pF, RL = 50 k
10.4
17
µs
CI1
STHR (STHL) excluded, TA = 25°C
5.8
15
pF
Input Capacitance
CI2
STHR (STHL),TA = 25°C
5.7
15
pF
+2.5
–2.0
+2.5
–2.0


Similar Part No. - UPD16715A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16715A RENESAS-UPD16715A Datasheet
252Kb / 18P
   MOS INTEGRATED CIRCUIT
1999
UPD16715AN-XXX RENESAS-UPD16715AN-XXX Datasheet
252Kb / 18P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD16715A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16715A RENESAS-PD16715A_15 Datasheet
253Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER(COMPATIBLE WITH 64-GRAY SCALES)
PD160061 RENESAS-PD160061_15 Datasheet
363Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16647 RENESAS-PD16647_15 Datasheet
241Kb / 18P
   402/384-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD16754 RENESAS-PD16754_15 Datasheet
272Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD16753 RENESAS-PD16753_15 Datasheet
279Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com