Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T8302 Datasheet(PDF) 11 Page - Taiwan Memory Technology

Part # T8302
Description  PWM Control 1A Step-Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T8302 Datasheet(HTML) 11 Page - Taiwan Memory Technology

Back Button T8302 Datasheet HTML 4Page - Taiwan Memory Technology T8302 Datasheet HTML 5Page - Taiwan Memory Technology T8302 Datasheet HTML 6Page - Taiwan Memory Technology T8302 Datasheet HTML 7Page - Taiwan Memory Technology T8302 Datasheet HTML 8Page - Taiwan Memory Technology T8302 Datasheet HTML 9Page - Taiwan Memory Technology T8302 Datasheet HTML 10Page - Taiwan Memory Technology T8302 Datasheet HTML 11Page - Taiwan Memory Technology T8302 Datasheet HTML 12Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TE
CH
tm
T8302
TM Technology, Inc. reserves the right
P. 10
Publication Date:April 2014
to change products or specifications without notice.
Revision: E
PACKAGE DIMENSIONS
SOT-89
D
POLISHED(2X)
C
H
E
L
B
B1
1
2
3
10'(2X)
e
e1
A
Dimension in mm
Dimension in inch
Symbol
Min.
Max.
Min.
Max.
A
1.40
1.60
0.055
0.063
B
0.44
0.56
0.017
0.022
B1
0.36
0.48
0.014
0.019
C
0.35
0.44
0.013
0.017
D
4.40
4.60
0.173
0.181
E
2.29
2.60
0.090
0.102
H
3.94
4.25
0.155
0.167
e
1.50 BSC
0.059 BSC
e1
3.00 BSC
0.118 BSC
L
0.89
1.2
0.035
0.047


Similar Part No. - T8302

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8302 AGERE-T8302 Datasheet
7Mb / 248P
   T8302 Internet Protocol Telephone Advanced RISC Machine (ARM) Ethernet QoS Using IEEE 802.1q
logo
Molex Electronics Ltd.
T8302A MOLEX11-T8302A Datasheet
26Kb / 2P
   Terminator Die
T8302B MOLEX11-T8302B Datasheet
26Kb / 2P
   Terminator Die
T8302F MOLEX11-T8302F Datasheet
24Kb / 1P
   Terminator Die
More results

Similar Description - T8302

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
   PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Taiwan Memory Technolog...
T8322AD TMT-T8322AD Datasheet
124Kb / 10P
   PWM Control 1500mA Step-Down Converter
logo
Unisonic Technologies
P3586 UTC-P3586_17 Datasheet
332Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com