Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T8308 Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # T8308
Description  PWM Control 800mA Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T8308 Datasheet(HTML) 3 Page - Taiwan Memory Technology

  T8308 Datasheet HTML 1Page - Taiwan Memory Technology T8308 Datasheet HTML 2Page - Taiwan Memory Technology T8308 Datasheet HTML 3Page - Taiwan Memory Technology T8308 Datasheet HTML 4Page - Taiwan Memory Technology T8308 Datasheet HTML 5Page - Taiwan Memory Technology T8308 Datasheet HTML 6Page - Taiwan Memory Technology T8308 Datasheet HTML 7Page - Taiwan Memory Technology T8308 Datasheet HTML 8Page - Taiwan Memory Technology T8308 Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TE
CH
tm
T8308
TM Technology, Inc. reserves the right
P. 3
Publication Date: Oct. 2014
to change products or specifications without notice.
Revision:C
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on input pin relative to GND
VIN
-0.3 to +40
V
ISENSE pin Voltage
-5 to +0.3
V
EN pin Voltage
-0.3 to +6
V
Operating junction Temperature Rang
T
A
-40 to 125
Maximum Soldering Temperature (at lead, 10sec)
T
LEAD
300
Storage Temperature Rang
T
S
-65 to +150
SOT-89
0.5
Power Dissipation, PD @ TA=25℃
SOP-8
0.8
W
SOT-89
200
Package Thermal Resistance,
JA
θ
SOP-8
178
/W
Electrical Characteristics
(TA=-40 to 85℃ unless otherwise noted. Typical values are at TA=25℃, VDD=24V)
Symbol
Description
Conditions
Min.
Typ.
Max.
Unit
VIN
Input voltage
7
-
30
V
V
IRU
Internal regulator start-up threshold
VIN rising
5.65
V
V
IRD
Internal regulator shutdown
VIN falling
5.55
V
I
Q Off
Quiescent supply current with output off DIM pin grounded
170
uA
I
Q On
Quiescent supply current with output
switching
DIM pin floating
fsw= 250kHz
1.8
5
mA
I
SENSE
Mean current sense threshold voltage
(Defines LED current setting accuracy)
Measured on ISENSE pin with
respect to VIN, VADJ = 1.25V
95
100
105
mV
I
SENTH
Sense threshold hysteresis
±15
%
ISENSE
ISENSE pin input current
VSENSE = VIN -0.1
10
uA
V
IH EN
DIM Input Voltage High
2
V
V
IL EN
DIM Input Voltage Low
0.5
V
I
LXM
Continuous LX switch current
0.8
A
R
LX
LX Switch ‘On’ resistance
@I
LX=0.8A
0.6
Ω
I
LXI
LX switch leakage current
5
uA
T
TP
Thermal Shutdown Protect
160
f
LX
Operating frequency
DIM pin floating,
L=33uH(0.093ohm)
IOUT=0.8A @VLED=3.6V
Driving 1LED
280
KHz
T
ONmin
Minimum switch ‘ON’ time
LX switch ‘ON’
240
n S


Similar Part No. - T8308

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T830-400W STMICROELECTRONICS-T830-400W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
T830-600W STMICROELECTRONICS-T830-600W Datasheet
108Kb / 5P
   SNUBBERLESS TRIAC
T830-600W STMICROELECTRONICS-T830-600W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
T830-600W STMICROELECTRONICS-T830-600W Datasheet
63Kb / 5P
   8A SNUBBERLESSTM TRIAC
logo
Kersemi Electronic Co.,...
T830-600W KERSEMI-T830-600W Datasheet
418Kb / 5P
   TRIAC
More results

Similar Description - T8308

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM604PA ELM-TECH-ELM604PA_17 Datasheet
969Kb / 7P
   1.4MHz, 800mA dual PWM step-down converter
logo
ELM Electronics
ELM604PA ELM-ELM604PA Datasheet
969Kb / 7P
   1.4MHz, 800mA dual PWM step-down converter
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
   PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com