Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1151(L) Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SK1151(L)
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1151(L) Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK1151(L)_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK1151(L)_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK1151(L)_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK1151(L)_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK1151(L)_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK1151(L)_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK1151(L)_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK1151(L), 2SK1151(S), 2SK1152(L), 2SK1152(S)
Preliminary
R07DS0397EJ0300 Rev.3.00
Page 4 of 6
May 16, 2011
10
8
6
4
2
0
0
40
80
120
160
Case Temperature TC (°C)
–40
Static Drain to Source on State
Resistance vs. Temperature
VGS = 10 V
Pulse Test
ID = 2 A
0.5 A
1 A
Forward Transfer Admittance
vs. Drain Current
5
2
1.0
0.5
0.05
0.10.21.02
5
Drain Current ID (A)
0.1
0.2
0.5
VDS = 20 V
Pulse Test
75
°C
–25
°C
TC = 25°C
Body to Drain Diode Reverse
Recovery Time
di/dt = 100 A/
μs, Ta = 25°C
VGS = 0
Pulse Test
Reverse Drain Current IDR (A)
1,000
500
100
50
20
10
200
0.05
0.10.20.5
1.02
5
Typical Capacitance
vs. Drain to Source Voltage
1,000
100
10
1
010
20
30
40
50
Drain to Source Voltage VDS (V)
Coss
Ciss
Crss
VGS = 0
f = 1 MHz
Dynamic Input Characteristics
500
400
300
200
100
0
2
46
8
10
Gate Charge Qg (nc)
20
16
12
8
4
0
400 V
100 V
VDS
ID = 1.5 A
VGS
250 V
VDD = 400 V
250 V
100 V
Switching Characteristics
100
20
10
5
2
1
50
0.05
0.10.20.5
1.02
5
Drain Current ID (A)
tf
VGS = 10 V VDD = 30 V
PW = 2
μs, duty < 1%
td (on)
tr
td (off)


Similar Part No. - 2SK1151(L)_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK1151 HITACHI-2SK1151 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
Renesas Technology Corp
2SK1151 RENESAS-2SK1151 Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
logo
Hitachi Semiconductor
2SK1151L HITACHI-2SK1151L Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
Renesas Technology Corp
2SK1151L RENESAS-2SK1151L Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK1151L VBSEMI-2SK1151L Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - 2SK1151(L)_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com