Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16682N Datasheet(PDF) 8 Page - NEC

Part # UPD16682N
Description  1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16682N Datasheet(HTML) 8 Page - NEC

Back Button UPD16682N Datasheet HTML 4Page - NEC UPD16682N Datasheet HTML 5Page - NEC UPD16682N Datasheet HTML 6Page - NEC UPD16682N Datasheet HTML 7Page - NEC UPD16682N Datasheet HTML 8Page - NEC UPD16682N Datasheet HTML 9Page - NEC UPD16682N Datasheet HTML 10Page - NEC UPD16682N Datasheet HTML 11Page - NEC UPD16682N Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Data Sheet S13368EJ3V0DS00
8
µµµµ PD16682
3.2 Logic System Pins (1/2)
Pin Symbol
Pin Name
Pad No.
I/O
Function Description
P,/S
Select data input
79
Input
This pin is used to select between parallel data input and serial
data input.
P,/S = H : Parallel data input
P,/S = L : Serial data input
This setting cannot be switched after power-on. For details, see
5. DESCRIPTION OF FUNCTIONS.
/CS1,CS2
Chip select
8,9
Input
These pins are used for the chip select signal. When /CS1 = L
and CS2 = H, this signal is active and can be used for I/O of data
and commands.
/RD(E)
Read (enable)
15
Input
• When connected to 80 series MPU : active low
This pin connects the 80 series MPU’s RD signal. Data bus
output status is set when this signal is low.
• When connected to 68 series MPU : active high
It is used as the enable clock input pin for the 68 series MPU.
/WR(R,/W)
Write (read/write)
14
Input
• When connected to 80 series MPU: active low
This pin connects the 80 series MPU's /WR signal. Signals on
the data bus are latched at the rising edge of the /WR signal.
• When connected to 68 series MPU
This pin is an input pin for read/write control signals.
R,/W = H : Read
R,/W = L : Write
C86
Interface select
78
Input
This pin is used to select the MPU interface.
C86 = H : 68 series MPU interface
C86 = L : 80 series MPU interface
D0 to D5
Data bus
17 to 22
Input
/Output
When used with a parallel interface, these pins correspond to
data bus bits D0 to D5.
When used with a serial interface, they are pulled down
internally.
D6 (SCL)
Data bus/serial clock
23
Input
/Output
When used with a parallel interface, this pin corresponds to data
bus bit D6.
When used with a serial interface, it is a serial clock input pin.
D7 (SI)
Data bus/serial data input
24
Input
/Output
When used with a parallel interface, this pin corresponds to data
bus bit D7.
When used with a serial interface, it is a serial data input pin.
A0
Data command
12
Input
This pin is connected to the LSB in the ordinary MPU address
bus to distinguish between data and commands.
A0 = H : Indicates that display data exists in bits D0 to D7.
A0 = L : Indicates that display control commands exist in bits D0
to D7.
TESTOUT
Test output
6
Output This pin is used as a test output. Leave this pin open when used
for this purpose.
/RES
Reset
11
Input
This pin is used to perform an internal reset when at low level.
CLK
Clock select
76
Input
This pin is used to select the valid/invalid setting for the display
clock’s on-chip oscillation circuit.
CLS = H : On-chip oscillation circuit is valid
CLS = L : On-chip oscillation circuit is invalid (external input)
When CLS = L, a display clock is input via the CL pin.


Similar Part No. - UPD16682N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16682 RENESAS-UPD16682 Datasheet
557Kb / 58P
   MOS INTEGRATED CIRCUIT
1998
logo
NEC
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
UPD16682A RENESAS-UPD16682A Datasheet
544Kb / 58P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD16682AP NEC-UPD16682AP Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
UPD16682AP RENESAS-UPD16682AP Datasheet
544Kb / 58P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD16682N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
NEC
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD161401 NEC-UPD161401 Datasheet
647Kb / 124P
   256-COLOR, 1/80-DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16686 NEC-UPD16686 Datasheet
788Kb / 99P
   1/128 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
UPD16488A NEC-UPD16488A Datasheet
2Mb / 91P
   1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
UPD16498 NEC-UPD16498 Datasheet
697Kb / 95P
   1/128 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
UPD16680 NEC-UPD16680 Datasheet
290Kb / 44P
   1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
logo
List of Unclassifed Man...
NT7502 ETC1-NT7502 Datasheet
2Mb / 54P
   65 X 132 RAM-Map LCD Controller / Driver
logo
Novatek Microelectronic...
NT7538 NOVATEK-NT7538 Datasheet
1Mb / 68P
   132 X 65 RAM-Map STN LCD Controller/Driver
V1.0
logo
NEC
UPD16434 NEC-UPD16434 Datasheet
314Kb / 39P
   1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com