Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR8AS-14LJ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR8AS-14LJ
Description  Triac Medium Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8AS-14LJ Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR8AS-14LJ_15 Datasheet HTML 1Page - Renesas Technology Corp BCR8AS-14LJ_15 Datasheet HTML 2Page - Renesas Technology Corp BCR8AS-14LJ_15 Datasheet HTML 3Page - Renesas Technology Corp BCR8AS-14LJ_15 Datasheet HTML 4Page - Renesas Technology Corp BCR8AS-14LJ_15 Datasheet HTML 5Page - Renesas Technology Corp BCR8AS-14LJ_15 Datasheet HTML 6Page - Renesas Technology Corp BCR8AS-14LJ_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BCR8AS-14LJ
Preliminary
R07DS0514EJ0100 Rev.1.00
Page 4 of 6
Oct 14, 2011
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
6
4
2
0
8
10
14
12
16
0246
16
10
812
14
360° Conduction
Resistive,
inductive loads
02468
10
12
16
14
0
20
40
80
60
100
120
140
160
Curves apply regardless
of conduction angle
360° Conduction
Resistive,
inductive loads
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
–40
0
40
80
120
160
–40
0
40
80
120
160
–40
0
40
80
120
160
105
104
103
102
103
102
101
100
103
102
101
Typical Example
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
Typical Example
Latching Current vs.
Junction Temperature
Junction Temperature (°C)
T2+, G+
T2–, G–
Typical Example
T2+, G–
Typical Example
Distribution
−40
0
40
80
120
160
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
0
20
40
80
60
100
120
140
160
Typical Example


Similar Part No. - BCR8AS-14LJ_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR8AS-14LJB01 RENESAS-BCR8AS-14LJB01 Datasheet
90Kb / 7P
   Triac Medium Power Use
More results

Similar Description - BCR8AS-14LJ_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com