Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR16LM-16LB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BCR16LM-16LB
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16LM-16LB Datasheet(HTML) 3 Page - Renesas Technology Corp

  BCR16LM-16LB_15 Datasheet HTML 1Page - Renesas Technology Corp BCR16LM-16LB_15 Datasheet HTML 2Page - Renesas Technology Corp BCR16LM-16LB_15 Datasheet HTML 3Page - Renesas Technology Corp BCR16LM-16LB_15 Datasheet HTML 4Page - Renesas Technology Corp BCR16LM-16LB_15 Datasheet HTML 5Page - Renesas Technology Corp BCR16LM-16LB_15 Datasheet HTML 6Page - Renesas Technology Corp BCR16LM-16LB_15 Datasheet HTML 7Page - Renesas Technology Corp BCR16LM-16LB_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BCR16LM-16LB
Preliminary
R07DS0546EJ0100 Rev.1.00
Page 3 of 7
Sep 22, 2011
Performance Curves
103
102
101
–400
40
80
120
160
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60Hz)
Gate Characteristics (I, II and III)
Gate Current (mA)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
4.0
0.5
1.5
2.5
3.5
1.02.03.0
102
101
100
10−1
200
0
40
80
120
160
100
101
102
103
102
101
–400
40
80
120
160
Typical Example
IRGT III
IFGT I
IRGT I
Typical Example
10−1
100
101
102
101
102
103
104
PGM = 5W
IGM = 2A
VD = 6V
RL = 6
Ω
VD = 6V
RL = 6
Ω
VGM = 10V
VGT = 1.5V
IGT = 30mA
Tj = 25°C
VGD = 0.1V
PG(AV) = 0.5W
Maximum Transient Thermal Impedance
Characteristics (Junction to case)
Conduction Time (Cycles at 60Hz)
0.0
0.5
1.0
1.5
3.0
3.5
2.5
4.0
4.5
10–1
100
101
102
102
103
104
2.0


Similar Part No. - BCR16LM-16LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16LM-16LB-A8-B00 RENESAS-BCR16LM-16LB-A8-B00 Datasheet
104Kb / 8P
   Triac medium Power Use
BCR16LM-16LBB00 RENESAS-BCR16LM-16LBB00 Datasheet
104Kb / 8P
   Triac medium Power Use
More results

Similar Description - BCR16LM-16LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com