Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJU60C2SDPD Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJU60C2SDPD
Description  Single Diode Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJU60C2SDPD Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJU60C2SDPD_15 Datasheet HTML 1Page - Renesas Technology Corp RJU60C2SDPD_15 Datasheet HTML 2Page - Renesas Technology Corp RJU60C2SDPD_15 Datasheet HTML 3Page - Renesas Technology Corp RJU60C2SDPD_15 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJU60C2SDPD
Preliminary
R07DS0373EJ0100 Rev.1.00
Page 2 of 3
Apr 26, 2011
Main Characteristics
0.1
1
1000
100
10
10
100
1
0.1
1
10
100
0
0.4
0.8
1.2
1.6
2.0
Ta = 150
°C
25
°C
Ta = 25
°C
0
80
160
40
120
200
40
80
120
160
200
0
IF = 5 A
Ta = 25
°C
Forward Voltage VF (V)
Forward Current vs. Forward Voltage (Typical)
di/dt (A/
μs)
Reverse Recovery Time vs. di/dt (Typical)
Reverse Voltage VR (V)
Capacitance vs. Reverse Voltage (Typical)
100
0.01
1
10
0.1
10 m
100 m
100
μ
10
1
Pulse Width PW (s)
Thermal Impedance vs. Pulse Width
1 m
Tc = 25
°C
Single pulse


Similar Part No. - RJU60C2SDPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU60C2SDPD RENESAS-RJU60C2SDPD Datasheet
80Kb / 4P
   Single Diode Fast Recovery Diode
More results

Similar Description - RJU60C2SDPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU60C6TDPP-EJ RENESAS-RJU60C6TDPP-EJ Datasheet
87Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C6SDPE RENESAS-RJU60C6SDPE_15 Datasheet
81Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C2TDPP-EJ RENESAS-RJU60C2TDPP-EJ Datasheet
86Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C3TDPP-EJ RENESAS-RJU60C3TDPP-EJ Datasheet
86Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C6SDPE RENESAS-RJU60C6SDPE Datasheet
81Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C6SDPK-M0 RENESAS-RJU60C6SDPK-M0 Datasheet
86Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C2TDPP-EJ RENESAS-RJU60C2TDPP-EJ_15 Datasheet
86Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C6TDPP-EJ RENESAS-RJU60C6TDPP-EJ_15 Datasheet
87Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C1SDPD RENESAS-RJU60C1SDPD Datasheet
80Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C3SDPD RENESAS-RJU60C3SDPD Datasheet
80Kb / 4P
   Single Diode Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com