Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU13N20D Datasheet(PDF) 1 Page - International Rectifier

Part # IRFU13N20D
Description  Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU13N20D Datasheet(HTML) 1 Page - International Rectifier

  IRFU13N20D Datasheet HTML 1Page - International Rectifier IRFU13N20D Datasheet HTML 2Page - International Rectifier IRFU13N20D Datasheet HTML 3Page - International Rectifier IRFU13N20D Datasheet HTML 4Page - International Rectifier IRFU13N20D Datasheet HTML 5Page - International Rectifier IRFU13N20D Datasheet HTML 6Page - International Rectifier IRFU13N20D Datasheet HTML 7Page - International Rectifier IRFU13N20D Datasheet HTML 8Page - International Rectifier IRFU13N20D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
2/14/00
IRFR13N20D
IRFU13N20D
SMPS MOSFET
HEXFET® Power MOSFET
l High frequency DC-DC converters
Benefits
Applications
l Low Gate to Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
VDSS
RDS(on) max
ID
200V
0.235
13A
Typical SMPS Topologies
l Telecom 48V input Forward Converters
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
13
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
9.2
A
IDM
Pulsed Drain Current

52
PD @TC = 25°C
Power Dissipation
110
W
Linear Derating Factor
0.71
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
2.2
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
PD- 93814A
Notes
 through † are on page 10
D-Pak
IRFR13N20D
I-Pak
IRFU13N20D


Similar Part No. - IRFU13N20D

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU13N20D KERSEMI-IRFU13N20D Datasheet
3Mb / 10P
   SMPS MOSFET
logo
Inchange Semiconductor ...
IRFU13N20D ISC-IRFU13N20D Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFU13N20DPBF IRF-IRFU13N20DPBF Datasheet
688Kb / 11P
   SMPS MOSFET ( VDSS=200V , RDS(on)max=0.235廓 , ID=13A )
logo
Kersemi Electronic Co.,...
IRFU13N20DPBF KERSEMI-IRFU13N20DPBF Datasheet
4Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRFU13N20DPBF IRF-IRFU13N20DPBF Datasheet
689Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFU13N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR13N20DPBF IRF-IRFR13N20DPBF Datasheet
688Kb / 11P
   SMPS MOSFET ( VDSS=200V , RDS(on)max=0.235廓 , ID=13A )
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFP90N20D IRF-IRFP90N20D Datasheet
89Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=94A??
IRFR9N20D IRF-IRFR9N20D Datasheet
126Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)
IRFB17N20D IRF-IRFB17N20D Datasheet
194Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.17ohm, Id=16A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com