Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P568050P Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P568050P
Description  High Speed HDMI Plenum Rated Cable, Digital Video with Audio (M-M), 50-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P568050P Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P568050P Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P568050P Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
Yes
Style
HDMI
Model Type
HDMI
Cable Types
HDMI
INPUT
Cable Length (ft.)
50
Cable Length (m)
15.24
PHYSICAL
Color
Black
CONNECTIONS
Connector A
HDMI (MALE)
Connector B
HDMI (MALE)
Number of Connectors
2
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - P568050P

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P568050 TRIPPLITE-P568050 Datasheet
483Kb / 2P
   High Speed HDMI Cable, Digital Video with Audio (M-M), 50-ft
More results

Similar Description - P568050P

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P568-050-P TRIPPLITE-P568-050-P Datasheet
157Kb / 2P
   Standard Speed HDMI Plenum Rated Cable, 1080p, Digital Video with Audio (M/M), 50-ft.
P568050 TRIPPLITE-P568050 Datasheet
483Kb / 2P
   High Speed HDMI Cable, Digital Video with Audio (M-M), 50-ft
P568025 TRIPPLITE-P568025 Datasheet
482Kb / 2P
   High Speed HDMI Cable, Digital Video with Audio (M-M), 25-ft
P568010 TRIPPLITE-P568010 Datasheet
482Kb / 2P
   High Speed HDMI Cable, Digital Video with Audio (M-M), 10-ft
P568012 TRIPPLITE-P568012 Datasheet
482Kb / 2P
   High Speed HDMI Cable, Digital Video with Audio (M-M), 12-ft
P568-003 TRIPPLITE-P568-003 Datasheet
491Kb / 4P
   High Speed HDMI Cable, Digital Video with Audio (M/M) 3-ft
P568016 TRIPPLITE-P568016 Datasheet
482Kb / 2P
   High Speed HDMI Cable, Digital Video with Audio (M-M), 16-ft
P568035 TRIPPLITE-P568035 Datasheet
483Kb / 2P
   High Speed HDMI Cable, Digital Video with Audio (M-M), 35-ft
P568100 TRIPPLITE-P568100 Datasheet
483Kb / 2P
   High Speed HDMI Cable, Digital Video with Audio (M-M), 100-ft
P568-006 TRIPPLITE-P568-006 Datasheet
490Kb / 4P
   High Speed HDMI Cable, Digital Video with Audio (M/M) 6-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com