Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16750N Datasheet(PDF) 8 Page - NEC

Part # UPD16750N
Description  384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 256-GRAY SCALES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16750N Datasheet(HTML) 8 Page - NEC

  UPD16750N Datasheet HTML 1Page - NEC UPD16750N Datasheet HTML 2Page - NEC UPD16750N Datasheet HTML 3Page - NEC UPD16750N Datasheet HTML 4Page - NEC UPD16750N Datasheet HTML 5Page - NEC UPD16750N Datasheet HTML 6Page - NEC UPD16750N Datasheet HTML 7Page - NEC UPD16750N Datasheet HTML 8Page - NEC UPD16750N Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Data Sheet S13719EJ4V0DS00
8
µµµµPD16750
Figure 5–2. Relationship between Input Data and Output Voltage (2/4)
VDD2 – 0.2 V > V0 > V1 > V2 > V3 > V4 > V5 > V6 > V7 > 0.5 VDD2, POL21/22 = L
Data
DX7
DX6
DX5
DX4
DX3
DX2
DX1
DX0
Output voltage
rn
(
Ω)
40H
0
1
0
000
00
V64'V2
r64
25.0
41H
0
1
0
000
01
V65'V3+(V2-V3) X
1575
/
1600
r65
25.0
42H
0
1
0
000
10
V66'V3+(V2-V3) X
1550
/
1600
r66
25.0
43H
0
1
0
000
11
V67'V3+(V2-V3) X
1525
/
1600
r67
25.0
44H
0
1
0
001
00
V68'V3+(V2-V3) X
1500
/
1600
r68
25.0
45H
0
1
0
001
01
V69'V3+(V2-V3) X
1475
/
1600
r69
25.0
46H
0
1
0
001
10
V70'V3+(V2-V3) X
1450
/
1600
r70
25.0
47H
0
1
0
001
11
V71'V3+(V2-V3) X
1425
/
1600
r71
25.0
48H
0
1
0
010
00
V72'V3+(V2-V3) X
1400
/
1600
r72
25.0
49H
0
1
0
010
01
V73'V3+(V2-V3) X
1375
/
1600
r73
25.0
4AH
0
1
0
010
10
V74'V3+(V2-V3) X
1350
/
1600
r74
25.0
4BH
0
1
0
010
11
V75'V3+(V2-V3) X
1325
/
1600
r75
25.0
4CH
0
1
0
011
00
V76'V3+(V2-V3) X
1300
/
1600
r76
25.0
4DH
0
1
0
011
01
V77'V3+(V2-V3) X
1275
/
1600
r77
25.0
4EH
0
1
0
011
10
V78'V3+(V2-V3) X
1250
/
1600
r78
25.0
4FH0
1
0
011
11
V79'V3+(V2-V3) X
1225
/
1600
r79
25.0
50H
0
1
0
100
00
V80'V3+(V2-V3) X
1200
/
1600
r80
25.0
51H
0
1
0
100
01
V81'V3+(V2-V3) X
1175
/
1600
r81
25.0
52H
0
1
0
100
10
V82'V3+(V2-V3) X
1150
/
1600
r82
25.0
53H
0
1
0
100
11
V83'V3+(V2-V3) X
1125
/
1600
r83
25.0
54H
0
1
0
101
00
V84'V3+(V2-V3) X
1100
/
1600
r84
25.0
55H
0
1
0
101
01
V85'V3+(V2-V3) X
1075
/
1600
r85
25.0
56H
0
1
0
101
10
V86'V3+(V2-V3) X
1050
/
1600
r86
25.0
57H
0
1
0
101
11
V87'V3+(V2-V3) X
1025
/
1600
r87
25.0
58H
0
1
0
110
00
V88'V3+(V2-V3) X
1000
/
1600
r88
25.0
59H
0
1
0
110
01
V89'V3+(V2-V3) X
975
/
1600
r89
25.0
5AH
0
1
0
110
10
V90'V3+(V2-V3) X
950
/
1600
r90
25.0
5BH
0
1
0
110
11
V91'V3+(V2-V3) X
925
/
1600
r91
25.0
5CH
0
1
0
111
00
V92'V3+(V2-V3) X
900
/
1600
r92
25.0
5DH
0
1
0
111
01
V93'V3+(V2-V3) X
875
/
1600
r93
25.0
5EH
0
1
0
111
10
V94'V3+(V2-V3) X
850
/
1600
r94
25.0
5FH0
1
0
111
11
V95'V3+(V2-V3) X
825
/
1600
r95
25.0
60H
0
1
1
000
00
V96'V3+(V2-V3) X
800
/
1600
r96
25.0
61H
0
1
1
000
01
V97'V3+(V2-V3) X
775
/
1600
r97
25.0
62H
0
1
1
000
10
V98'V3+(V2-V3) X
750
/
1600
r98
25.0
63H
0
1
1
000
11
V99'V3+(V2-V3) X
725
/
1600
r99
25.0
64H
0
1
1
001
00
V100'V3+(V2-V3) X
700
/
1600
r100
25.0
65H
0
1
1
001
01
V101'V3+(V2-V3) X
675
/
1600
r101
25.0
66H
0
1
1
001
10
V102'V3+(V2-V3) X
650
/
1600
r102
25.0
67H
0
1
1
001
11
V103'V3+(V2-V3) X
625
/
1600
r103
25.0
68H
0
1
1
010
00
V104'V3+(V2-V3) X
600
/
1600
r104
25.0
69H
0
1
1
010
01
V105'V3+(V2-V3) X
575
/
1600
r105
25.0
6AH
0
1
1
010
10
V106'V3+(V2-V3) X
550
/
1600
r106
25.0
6BH
0
1
1
010
11
V107'V3+(V2-V3) X
525
/
1600
r107
25.0
6CH
0
1
1
011
00
V108'V3+(V2-V3) X
500
/
1600
r108
25.0
6DH
0
1
1
011
01
V109'V3+(V2-V3) X
475
/
1600
r109
25.0
6EH
0
1
1
011
10
V110'V3+(V2-V3) X
450
/
1600
r110
25.0
6FH0
1
1
011
11
V111'V3+(V2-V3) X
425
/
1600
r111
25.0
70H
0
1
1
100
00
V112'V3+(V2-V3) X
400
/
1600
r112
25.0
71H
0
1
1
100
01
V113'V3+(V2-V3) X
375
/
1600
r113
25.0
72H
0
1
1
100
10
V114'V3+(V2-V3) X
350
/
1600
r114
25.0
73H
0
1
1
100
11
V115'V3+(V2-V3) X
325
/
1600
r115
25.0
74H
0
1
1
101
00
V116'V3+(V2-V3) X
300
/
1600
r116
25.0
75H
0
1
1
101
01
V117'V3+(V2-V3) X
275
/
1600
r117
25.0
76H
0
1
1
101
10
V118'V3+(V2-V3) X
250
/
1600
r118
25.0
77H
0
1
1
101
11
V119'V3+(V2-V3) X
225
/
1600
r119
25.0
78H
0
1
1
110
00
V120'V3+(V2-V3) X
200
/
1600
r120
25.0
79H
0
1
1
110
01
V121'V3+(V2-V3) X
175
/
1600
r121
25.0
7AH
0
1
1
110
10
V122'V3+(V2-V3) X
150
/
1600
r122
25.0
7BH
0
1
1
110
11
V123'V3+(V2-V3) X
125
/
1600
r123
25.0
7CH
0
1
1
111
00
V124'V3+(V2-V3) X
100
/
1600
r124
25.0
7DH
0
1
1
111
01
V125'V3+(V2-V3) X
75
/
1600
r125
25.0
7EH
0
1
1
111
10
V126'V3+(V2-V3) X
50
/
1600
r126
25.0
7FH0
1
1
111
11
V127'V3+(V2-V3) X
25
/
1600
r127
25.0
Caution There is no connection between V7 and V8 in the chip.
V6
V7
V255
V1
V0
V1
V2
V3
V31
V32
V33
V223
V224
V225
V252
V253
V254
V0
r0
r1
r2
r3
r30
r31
r32
r33
r222
r223
V5
r224
r225
r251
r252
r253
r254


Similar Part No. - UPD16750N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16750N-XXX RENESAS-UPD16750N-XXX Datasheet
361Kb / 26P
   MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD16750N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16754 RENESAS-PD16754_15 Datasheet
272Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD16753 RENESAS-PD16753_15 Datasheet
279Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD16721 RENESAS-PD16721_15 Datasheet
336Kb / 30P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
logo
NEC
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16715A RENESAS-PD16715A_15 Datasheet
253Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER(COMPATIBLE WITH 64-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com