Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16772 Datasheet(PDF) 4 Page - NEC

Part # UPD16772
Description  480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16772 Datasheet(HTML) 4 Page - NEC

  UPD16772 Datasheet HTML 1Page - NEC UPD16772 Datasheet HTML 2Page - NEC UPD16772 Datasheet HTML 3Page - NEC UPD16772 Datasheet HTML 4Page - NEC UPD16772 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet S14416EJ1V0DS00
4
µµµµPD16772
4. PIN FUNCTIONS
Pin Symbol
Pin Name
Description
S1 to S480
Driver output
The D/A converted 64-gray-scale analog voltage is output.
D00 to D05
D10 to D15
D20 to D25
D30 to D35
D40 to D45
D50 to D55
Display data input
The display data is input with a width of 36 bits, viz., the gray scale data (6 bits) by 6 dots (2
pixels).
DX0: LSB, DX5: MSB
R,/L
Shift direction control
input
These refer to the start pulse I/O pins when driver ICs are connected in cascade. The shift
directions of the shift registers are as follows.
R,/L = H: STHR input, S1
→ S480, STHL output
R,/L = L: STHL input, S480
→ S1, STHR output
STHR
Right shift start pulse
input/output
STHL
Left shift start pulse
input/output
These refer to the start pulse I/O pins when driver ICs are connected in cascade.
Fetching of display data starts when H is read at the rising edge of CLK.
R,/L = H (right shift): STHR input, STHL output
R,/L = L (left shift): STHL input, STHR output
The start pulse width (H level) for next-level drivers is 1CLK.
CLK
Shift clock input
Refers to the shift register’s shift clock input. The display data is incorporated into the data
register at the rising edge. At the rising edge of the 80th clock after the start pulse input, the
start pulse output reaches the high level, thus becoming the start pulse of the next-level
driver. If 82 clock pulses are input after input of the start pulse, input of display data is halted
automatically. The contents of the shift register are cleared at the STB’s rising edge.
STB
Latch input
The contents of the data register are transferred to the latch circuit at the rising edge. And,
at the falling edge, the gray scale voltage is supplied to the driver. It is necessary to ensure
input of one pulse per horizontal period.
POL
Polarity input
POL = L: The S2n–1 output uses V0 to V4 as the reference supply. The S2n output uses V5 to
V9 as the reference supply.
POL = H: The S2n–1 output uses V5 to V9 as the reference supply. The S2n output uses V0 to
V4 as the reference supply.
S2n-1 indicates the odd output: and S2n indicates the even output. Input of the POL signal is
allowed the setup time(tPOL-STB) with respect to STB’s rising edge.
POL21,
POL22
Data inversion input
Data inversion can invert when display data is loaded.
POL21/22 = H : Data inversion loads display data after inverting it.
POL21/22 = L : Data inversion does not invert input data.
POL21: D00 to D05, D10 to D15, D20 to D25
POL22: D30 to D35, D40 to D45, D50 to D55
LPC
Low power control
input
The current consumption of VDD2 is lowered by controlling the constant current source of the
output amplifier. This pin is pulled up to the VDD1 power supply inside the IC. For details,
see 9. CURRENT CONSUMPTION REDUCTION FUNCTION.
Bcont
Bias control
This pin can be used to finely control the bias current inside the output amplifier.
When this fine-control function is not required, leave this pin open. For details, see
9. CURRENT CONSUMPTION REDUCTION FUNCTION.
V0 to V9
γ -corrected power
supplies
Input the
γ -corrected power supplies from outside by using operational amplifier. Make sure
to maintain the following relationships. During the gray scale voltage output, be sure to keep
the gray scale level power supply at a constant level.
VDD2
− 0.1 V > V0 > V1 > V2 > V3 > V4 > 0.5 VDD2 > V5 > V6 > V7 > V8 > V9 > VSS2 + 0.1 V
VDD1
Logic power supply
2.3 to 3.6 V
VDD2
Driver power supply
8.5 V
± 0.5 V
VSS1
Logic ground
Grounding
VSS2
Driver ground
Grounding


Similar Part No. - UPD16772

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16772A NEC-UPD16772A Datasheet
122Kb / 5P
   480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
UPD16772A RENESAS-UPD16772A Datasheet
255Kb / 22P
   MOS INTEGRATED CIRCUIT
2000
logo
NEC
UPD16772AN NEC-UPD16772AN Datasheet
122Kb / 5P
   480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
More results

Similar Description - UPD16772

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16772A NEC-UPD16772A Datasheet
122Kb / 5P
   480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16772A RENESAS-PD16772A_15 Datasheet
256Kb / 22P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD160088 RENESAS-PD160088_15 Datasheet
447Kb / 25P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD161830 RENESAS-PD161830_15 Datasheet
371Kb / 26P
   240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD16635 RENESAS-PD16635_15 Datasheet
230Kb / 22P
   240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64 GRAY SCALES)
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com