Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU2407 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFU2407
Description  Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU2407 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFU2407 Datasheet HTML 2Page - International Rectifier IRFU2407 Datasheet HTML 3Page - International Rectifier IRFU2407 Datasheet HTML 4Page - International Rectifier IRFU2407 Datasheet HTML 5Page - International Rectifier IRFU2407 Datasheet HTML 6Page - International Rectifier IRFU2407 Datasheet HTML 7Page - International Rectifier IRFU2407 Datasheet HTML 8Page - International Rectifier IRFU2407 Datasheet HTML 9Page - International Rectifier IRFU2407 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.irf.com
IRFR/U2407
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DRIV E R
A
15 V
20V
25
50
75
100
125
150
175
0
40
80
120
160
200
240
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
10A
18A
25A


Similar Part No. - IRFU2407

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU2407 IRF-IRFU2407 Datasheet
140Kb / 11P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRFU2407 KERSEMI-IRFU2407 Datasheet
3Mb / 10P
   Power MOSFET
IRFU2407 KERSEMI-IRFU2407 Datasheet
3Mb / 10P
   Surface Mount (IRFR2407)
logo
Lucky Light Electronic
IRFU2407 LUCKY-LIGHT-IRFU2407 Datasheet
3Mb / 10P
   Power MOSFET
logo
Inchange Semiconductor ...
IRFU2407 ISC-IRFU2407 Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRFU2407

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
   Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRFP150N IRF-IRFP150N Datasheet
135Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)
IRF1310NS IRF-IRF1310NS Datasheet
156Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
   Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRFP2907 IRF-IRFP2907 Datasheet
115Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A??
IRF1407 IRF-IRF1407 Datasheet
127Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A??
IRF1607 IRF-IRF1607 Datasheet
234Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.0075ohm, Id=142A??
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com