Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR3711 Datasheet(PDF) 3 Page - International Rectifier

Part # IRFR3711
Description  Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR3711 Datasheet(HTML) 3 Page - International Rectifier

  IRFR3711 Datasheet HTML 1Page - International Rectifier IRFR3711 Datasheet HTML 2Page - International Rectifier IRFR3711 Datasheet HTML 3Page - International Rectifier IRFR3711 Datasheet HTML 4Page - International Rectifier IRFR3711 Datasheet HTML 5Page - International Rectifier IRFR3711 Datasheet HTML 6Page - International Rectifier IRFR3711 Datasheet HTML 7Page - International Rectifier IRFR3711 Datasheet HTML 8Page - International Rectifier IRFR3711 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRFR/U3711
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
V
, Drain-to-Source Voltage (V)
DS
2.7V
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
V
, Drain-to-Source Voltage (V)
DS
2.7V
10
100
1000
2.0
3.0
4.0
5.0
6.0
7.0
8.0
V
= 25V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
110A


Similar Part No. - IRFR3711

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFR3711 ISC-IRFR3711 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFR3711PBF IRF-IRFR3711PBF Datasheet
236Kb / 11P
   HEXFET Power MOSFET
IRFR3711PBF IRF-IRFR3711PBF Datasheet
237Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRFR3711TRPBF IRF-IRFR3711TRPBF Datasheet
237Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRFR3711Z IRF-IRFR3711Z Datasheet
219Kb / 11P
   HEXFET Power MOSFET
More results

Similar Description - IRFR3711

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3711 IRF-IRF3711 Datasheet
245Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=6.0mohm, Id=110A??
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRF7456 IRF-IRF7456 Datasheet
165Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=0.0065ohm, Id=16A)
IRFR3706 IRF-IRFR3706 Datasheet
133Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
IRF3704 IRF-IRF3704 Datasheet
125Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRL3714 IRF-IRL3714 Datasheet
127Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
IRFP064N IRF-IRFP064N Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com