Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYC-4031AX-10 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYC-4031AX-10
Description  0.0.40 Inch (14.20mm) digits height Three Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYC-4031AX-10 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYC-4031AX-10 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYC-4031AX-10 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYC-4031AX-10 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYC-4031AX-10 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYC-4031AX-10 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model. No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
○ White ○ Red
○ Green
■ Mechanical Dimensions
Notes:
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1°unless otherwise noted.
3. Bending≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page: 2/5
FYC-4031A/BX-XX
A
Http://www.foryard.com
4
○ Green
○ Yellow
REF Surface Color
○ White
Epoxy Color
Color
Number
0
Model No.:
:FYC-4031A/BX-XX
○ Water Clear
10.54
5.17


Similar Part No. - FYC-4031AX-10

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYC-6041AX-00 FORYARD-FYC-6041AX-00 Datasheet
405Kb / 5P
   0.6Inch (15.00mm) digit height Four Digits Display
FYC-6041AX-01 FORYARD-FYC-6041AX-01 Datasheet
405Kb / 5P
   0.6Inch (15.00mm) digit height Four Digits Display
FYC-6041AX-02 FORYARD-FYC-6041AX-02 Datasheet
405Kb / 5P
   0.6Inch (15.00mm) digit height Four Digits Display
FYC-6041AX-03 FORYARD-FYC-6041AX-03 Datasheet
405Kb / 5P
   0.6Inch (15.00mm) digit height Four Digits Display
FYC-6041AX-04 FORYARD-FYC-6041AX-04 Datasheet
405Kb / 5P
   0.6Inch (15.00mm) digit height Four Digits Display
More results

Similar Description - FYC-4031AX-10

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT-5631GX-00 FORYARD-FYT-5631GX-00 Datasheet
465Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5633AX-00 FORYARD-FYT-5633AX-00 Datasheet
468Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631AX-XX FORYARD-FYT-5631AX-XX Datasheet
541Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631IX-00 FORYARD-FYT-5631IX-00 Datasheet
452Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631EX-00 FORYARD-FYT-5631EX-00 Datasheet
464Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631AX-00 FORYARD-FYT-5631AX-00 Datasheet
463Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631CX-00 FORYARD-FYT-5631CX-00 Datasheet
452Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631KX-00 FORYARD-FYT-5631KX-00 Datasheet
462Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631MX-00 FORYARD-FYT-5631MX-00 Datasheet
460Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYD-5621CX-00 FORYARD-FYD-5621CX-00 Datasheet
361Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com