Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYCL-S15AR2G2-10 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYCL-S15AR2G2-10
Description  LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYCL-S15AR2G2-10 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYCL-S15AR2G2-10 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYCL-S15AR2G2-10 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYCL-S15AR2G2-10 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYCL-S15AR2G2-10 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
30nm
2.80
30nm
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page
3/4
14~18
570nm
590nm
15~20
14~20
610nm
1
Luminous
Intensity
(Iv)
Unit:mcd
AlGaAs/SH
660nm
700nm
GaP
2.50
+85
13~18
mA
150
2.50
Storage Temperature
Topr
Symbol
100
V
Pd
Max
GaP
Http://www.foryard.com
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1
610nm
6~12(mw)
4~6(mw)
470nm
80~90~120
3.80
80~90~120
3.80
3.80
AlGaInP
625nm
2.50
2.50
2.50
AlGaInP
30~60~80
Ultra Blue
26~38
13~18
625nm
GaAsP
GaAsP
2.50
2.50
0.7~1(mw)
60~120
AlGaInP
640nm
30~60
430nm
6~12(mw)
60~100
3.80
460nm
520nm
InGaN
60nm
InGaN
40~100~150
50~140~190
4.40
UB
460nm
635nm
3.80
570nm
470nm
590nm
B
Blue
InGaN
Ultra brightness
GaAsP
2.50
AlGaAs/DH
650nm
2.50
Tstr
+85
Operating Temperature
Max
Unit
Test Condition
Peak Wave
Length(λP)
Spectral
Line
halfwidth(∆
λ1/2)
mA
mW
Standard brightness
Forward
Voltage(VF) Unit:V
30
Pulse Current
■ Absolute maximum ratings
(Ta=25
℃)
(Ta=25
℃)
FYCL-S15AR2G2-XX
A
Model No.
:FYCL-S15AR2G2-XX
Ipeak
Duty=0.1mS,1KHz
Emitting Color
Dice
Material
2.50
Value
Reverse Voltage
VR
IR=30
Parameter
Forward Current
IF
Power Dissipation


Similar Part No. - FYCL-S15AR2G2-10

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYCL-S15A0 FORYARD-FYCL-S15A0 Datasheet
299Kb / 4P
   OUTDOOR LAMP CLUSTER
FYCL-S15A1 FORYARD-FYCL-S15A1 Datasheet
299Kb / 4P
   OUTDOOR LAMP CLUSTER
FYCL-S15A2 FORYARD-FYCL-S15A2 Datasheet
299Kb / 4P
   OUTDOOR LAMP CLUSTER
FYCL-S15A3 FORYARD-FYCL-S15A3 Datasheet
299Kb / 4P
   OUTDOOR LAMP CLUSTER
FYCL-S15A4 FORYARD-FYCL-S15A4 Datasheet
299Kb / 4P
   OUTDOOR LAMP CLUSTER
More results

Similar Description - FYCL-S15AR2G2-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com