Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYBL-9237AX-31 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYBL-9237AX-31
Description  92*37*7mm Arrow display series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYBL-9237AX-31 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYBL-9237AX-31 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYBL-9237AX-31 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYBL-9237AX-31 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYBL-9237AX-31 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Model No.
Rev.
■ Packing Diagram
Note: The specifications are subject to change without notice. Please contact us for updated information.
Page
4/4
Http://www.foryard.com
FYBL-9237AX-XX
A
Model No.
:FYBL-9237AX-XX
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
PN:FYBL-9237XX-XX
Qty: 728 PCS
Date:xxxx/xx/xx
GW: 18.10KG
NW: 20.20KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
Part NO: FYBL-9237XX-XX
Date:xxxx/xx/xx
Q'TY: 7 PCS
7PCS/Foam
1Foams/Bag
4Bags/Box
4Boxes/Carton
OUTSIDE LABEL
QC: QC
PASS
FORYARD
QC:
QC
PASS
xxxxxxxxxx
56.0
36
.0
31
.0
54.0
17
.0
14
.5
RoHS
RoHS
RoHS
RoHS
OUTSIDE LABEL


Similar Part No. - FYBL-9237AX-31

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYBL-7024AX-00 FORYARD-FYBL-7024AX-00 Datasheet
379Kb / 4P
   70*24*6mm Arrow display series
FYBL-7024AX-01 FORYARD-FYBL-7024AX-01 Datasheet
379Kb / 4P
   70*24*6mm Arrow display series
FYBL-7024AX-02 FORYARD-FYBL-7024AX-02 Datasheet
379Kb / 4P
   70*24*6mm Arrow display series
FYBL-7024AX-03 FORYARD-FYBL-7024AX-03 Datasheet
379Kb / 4P
   70*24*6mm Arrow display series
FYBL-7024AX-04 FORYARD-FYBL-7024AX-04 Datasheet
379Kb / 4P
   70*24*6mm Arrow display series
More results

Similar Description - FYBL-9237AX-31

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AT5Z3044 BETLUX-BL-AT5Z3044 Datasheet
216Kb / 5P
   ARROW DISPLAY,30*44mm
logo
Ningbo Foryard Optoelec...
FYBL-7024AX-XX FORYARD-FYBL-7024AX-XX Datasheet
379Kb / 4P
   70*24*6mm Arrow display series
logo
BetLux Electronics
BL-AT5Z3056 BETLUX-BL-AT5Z3056 Datasheet
69Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT1Z2546 BETLUX-BL-AT1Z2546 Datasheet
65Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT1Z13 BETLUX-BL-AT1Z13 Datasheet
66Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT1Z20 BETLUX-BL-AT1Z20 Datasheet
66Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT5Z4163 BETLUX-BL-AT5Z4163 Datasheet
67Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
logo
Siemens Semiconductor G...
HD1075 SIEMENS-HD1075 Datasheet
648Kb / 6P
   Seven Segment display 7mm
logo
SunLED Corporation
DUG07A2-1 SUNLED-DUG07A2-1 Datasheet
191Kb / 4P
   7mm (0.28) DUAL DIGIT NUMERIC DISPLAY
DUG07C2-1 SUNLED-DUG07C2-1 Datasheet
191Kb / 4P
   7mm (0.28) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com