Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16732BN Datasheet(PDF) 11 Page - NEC

Part # UPD16732BN
Description  384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16732BN Datasheet(HTML) 11 Page - NEC

Back Button UPD16732BN Datasheet HTML 7Page - NEC UPD16732BN Datasheet HTML 8Page - NEC UPD16732BN Datasheet HTML 9Page - NEC UPD16732BN Datasheet HTML 10Page - NEC UPD16732BN Datasheet HTML 11Page - NEC UPD16732BN Datasheet HTML 12Page - NEC UPD16732BN Datasheet HTML 13Page - NEC UPD16732BN Datasheet HTML 14Page - NEC UPD16732BN Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet S13972EJ3V0DS00
11
µµµµ PD16732A, 16732B
9. CURRENT CONSUMPTION REDUCTION FUNCTION
The
µ PD16732A and 16732B have a low power control function (LPC) which can switch the bias current of the
output amplifier between two levels and a bias control function (Bcont) which can be used to finely control the bias
current.
<Low power control function (LPC)>
The bias current of the output amplifier can be switched between two levels using this pin. (Bcont: Open)
LPC = H or Open: Normal power mode
LPC = L: Low power mode
The VDD2 of static current consumption can be reduced to two thirds of that in normal mode. Input a stable DC
current (VDD1/VSS1) to this pin.
<Bias Current Control Function (Bcont)>
It is possible to fine-control the current consumption by using the bias current control function (Bcont pin). When
using this function, connect this pin to the stabilized ground potential (VSS2) via an external resistor (REXT). When
not using this function, leave this pin open.
Refer to the table below for the percentage of current regulation when using the bias current control function.
Figure9
−−−−1. Bias Current Control Function (Bcont)
PD16732A,16732B
µ
Bcont
LPC
REXT
H/L
VSS2
Refer to the table below for the percentage of current regulation when using the bias current control function.
Talbe9
−−−−1. Current Consumption Regulation Percentage Compared to Normal Mode
Current Consumption Regulation Percentage
REXT
LPC = H
LPC = L
∞ (Open)
100 %
65 %
50 k
110 %
70 %
20 k
115 %
80 %
10 k
120 %
85 %
Remark The above current consumption regulation percentages are not product-characteristic guaranteed as they
are based on the results of simulation.
Caution
Because the low-power and bias-current control functions control the bias current in the output
amplifier and regulate the over-all current consumption of the driver IC, when this occurs, the
characteristics of the output amplifier will simultaneously change. Therefore, when using these
functions, be sure to sufficiently evaluate the picture quality.
VDD1 = 3.3 V
VDD2 = 8.7 V
LPC = 3.3 V/0 V
5
5


Similar Part No. - UPD16732BN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16732BN-XXX RENESAS-UPD16732BN-XXX Datasheet
358Kb / 26P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD16732BN

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16715A RENESAS-PD16715A_15 Datasheet
253Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER(COMPATIBLE WITH 64-GRAY SCALES)
PD160061 RENESAS-PD160061_15 Datasheet
363Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16647 RENESAS-PD16647_15 Datasheet
241Kb / 18P
   402/384-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD16754 RENESAS-PD16754_15 Datasheet
272Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD16753 RENESAS-PD16753_15 Datasheet
279Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com