Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2905 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2905
Description  140 MHz Center Frequency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2905 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2905 Datasheet HTML 1Page - KR Electronics, Inc. 2905 Datasheet HTML 2Page - KR Electronics, Inc. 2905 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2009, KR Electronics, Inc.
2905, Rev 0, April 8, 2009
KR Electronics
KR 2905 is a 140 MHz bandpass filter. The 0.5 dB bandwidth is
20 MHz minimum. Other center frequencies and bandwidths
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 140 MHz Center Frequency
 20 MHz min 0.5 dB Bandwidth
 >80 dB Stopband
 SMA Connectors
 50  Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2905

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2905007 PHOENIX-2905007 Datasheet
80Kb / 7P
   DC/DC converters - QUINT-PS/12DC/12DC/8
2905008 PHOENIX-2905008 Datasheet
78Kb / 6P
   DC/DC converters - QUINT-PS/48DC/48DC/5
2905009 PHOENIX-2905009 Datasheet
79Kb / 8P
   DC/DC converters - QUINT-PS/60-72DC/24DC/10
2905010 PHOENIX-2905010 Datasheet
79Kb / 8P
   DC/DC converters - QUINT-PS/96-110DC/24DC/10
2905011 PHOENIX-2905011 Datasheet
86Kb / 5P
   DC/DC converter, protective coating - QUINT-PS/60-72DC/24DC/10/CO
More results

Similar Description - 2905

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2879 KR-2879 Datasheet
37Kb / 2P
   140 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
   140 MHz Center Frequency
2838-30-SMA KR-2838-30-SMA Datasheet
49Kb / 2P
   140 MHz Center Frequency
3029 KR-3029 Datasheet
71Kb / 3P
   140 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
   800 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
   500 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
   210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
   975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
   42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
   3 MHz Center Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com