Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2894 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2894
Description  50 MHz Cutoff Frequency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2894 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2894 Datasheet HTML 1Page - KR Electronics, Inc. 2894 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2009, KR Electronics, Inc.
Parameter
Specification
Filter type
Lowpass
Rejection at 58 MHz
24 dB typical
Rejection at 61 MHz
31 dB typical
Rejection at 68.5 MHz
45 dB typical
Rejection at 74 MHz
53 dB typical
Source and Load
50
Cutoff Frequency (3 dB ± 1 dB)
50 MHz
KR Electronics 2894
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Surface mount package
2.
Dimensions in inches
3.
Max reflow temperature 209° C for 10 sec
4.
If boards are cleaned after installation units must be completely dried


Similar Part No. - 2894

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2894 POMONA-2894 Datasheet
24Kb / 1P
   Binding Post To Single Banana Plug
2894-0 POMONA-2894-0 Datasheet
24Kb / 1P
   Binding Post To Single Banana Plug
2894-2 POMONA-2894-2 Datasheet
24Kb / 1P
   Binding Post To Single Banana Plug
logo
List of Unclassifed Man...
28940 ETC2-28940 Datasheet
139Kb / 1P
   Selected sanding and polishing bits for all surfaces and longest
logo
PANDUIT CORP.
289421-000 PANDUIT-289421-000 Datasheet
110Kb / 1P
   (1 TO 1 SPLICES-CRIMP) SOLDERSHIELD SPLICE KIT, SHIELDED CABLE 26 THRU 12 AWG, Ni PLATED, 1 TO 4 CONDUCTORS
More results

Similar Description - 2894

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2297-7-BNC KR-2297-7-BNC Datasheet
48Kb / 2P
   16 MHz Cutoff Frequency
2886 KR-2886 Datasheet
35Kb / 2P
   110 MHz Cutoff Frequency
2297-7-BNC-1 KR-2297-7-BNC-1 Datasheet
57Kb / 3P
   16 MHz Cutoff Frequency
logo
Silicon Laboratories
SIM3L1XX SILABS-SIM3L1XX Datasheet
2Mb / 91P
   50 MHz maximum frequency
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
logo
Cystech Electonics Corp...
BTC5096WC3 CYSTEKEC-BTC5096WC3 Datasheet
177Kb / 8P
   High Cutoff Frequency NPN Epitaxial Planar Transistor
logo
NTE Electronics
NTE8065 NTE-NTE8065_16 Datasheet
61Kb / 1P
   Thermal Cutoff
logo
Cystech Electonics Corp...
BTC5094N3 CYSTEKEC-BTC5094N3 Datasheet
169Kb / 8P
   High Cutoff Frequency NPN Epitaxial Planar Transistor
BTC5095S3 CYSTEKEC-BTC5095S3 Datasheet
176Kb / 8P
   High Cutoff Frequency NPN Epitaxial Planar Transistor
FBP5096G3 CYSTEKEC-FBP5096G3 Datasheet
281Kb / 9P
   High Cutoff Frequency NPN Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com