Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR4105 Datasheet(PDF) 8 Page - International Rectifier

Part # IRFR4105
Description  Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR4105 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFR4105 Datasheet HTML 2Page - International Rectifier IRFR4105 Datasheet HTML 3Page - International Rectifier IRFR4105 Datasheet HTML 4Page - International Rectifier IRFR4105 Datasheet HTML 5Page - International Rectifier IRFR4105 Datasheet HTML 6Page - International Rectifier IRFR4105 Datasheet HTML 7Page - International Rectifier IRFR4105 Datasheet HTML 8Page - International Rectifier IRFR4105 Datasheet HTML 9Page - International Rectifier IRFR4105 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRFR/U4105
8
www.irf.com
Package Outline
TO-252AA Outline
Dimensions are shown in millimeters (inches)
TO-252AA (D-PARK)
Part Marking Information
6.7 3 (.265 )
6.3 5 (.250 )
- A -
4
1
2
3
6.22 (.2 45)
5.97 (.2 35)
- B -
3X
0.89 (.0 35)
0.64 (.0 25)
0 .2 5 (.0 1 0 )
M
A M B
4 .57 (.18 0)
2 .28 (.09 0)
2X
1.14 (.0 45)
0.76 (.0 30)
1 .52 (.06 0)
1 .15 (.04 5)
1.0 2 (.04 0)
1.6 4 (.02 5)
5.46 (.2 1 5 )
5.21 (.2 0 5 )
1 .27 (.0 50)
0 .88 (.0 35)
2.38 (.0 9 4 )
2.19 (.0 8 6 )
1.14 (.0 45)
0.89 (.0 35)
0.5 8 (.02 3)
0.4 6 (.01 8)
6.45 (.2 4 5 )
5.68 (.2 2 4 )
0.51 (.0 2 0 )
M IN .
0 .58 (.0 23)
0 .46 (.0 18)
L E A D AS SIG N M E N T S
1 - G A T E
2 - D R A IN
3 - S O URCE
4 - D R A IN
10 .4 2 (.41 0)
9.40 (.3 7 0 )
NO T E S :
1 DIM E NSIO NING & T O L E RA NCING P E R ANS I Y1 4 .5 M , 1 9 8 2 .
2 CO NT RO L L IN G DIM E NSIO N : IN CH.
3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A .
4 DIM E NSIO NS SHO W N A R E BE F O R E S O L D E R DIP ,
S O L D E R D IP M A X . + 0 .1 6 (.0 0 6 ).
IN T E RN A T IO NA L
R E C T IF IE R
L O G O
ASS EM B L Y
L O T
C O D E
E X A M P L E : T H IS IS A N IR F R 1 2 0
W IT H A S S E M B L Y
L O T C O D E 9 U 1 P
FIR S T P O R T IO N
O F P A RT NUM B E R
S E CO ND P O R TIO N
O F P A R T NUM B E R
120
IR F R
9 U
1 P
A


Similar Part No. - IRFR4105

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR4105 KERSEMI-IRFR4105 Datasheet
3Mb / 10P
   Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRFR4105 ISC-IRFR4105 Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
IRFR4105 UMW-IRFR4105 Datasheet
490Kb / 7P
   55V N-Channel MOSFET
logo
International Rectifier
IRFR4105PBF IRF-IRFR4105PBF Datasheet
240Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR4105PBF KERSEMI-IRFR4105PBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
More results

Similar Description - IRFR4105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFL4105 IRF-IRFL4105 Datasheet
168Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A)
IRFB41N15D IRF-IRFB41N15D Datasheet
193Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com