Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR5410 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFR5410
Description  Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR5410 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFR5410 Datasheet HTML 2Page - International Rectifier IRFR5410 Datasheet HTML 3Page - International Rectifier IRFR5410 Datasheet HTML 4Page - International Rectifier IRFR5410 Datasheet HTML 5Page - International Rectifier IRFR5410 Datasheet HTML 6Page - International Rectifier IRFR5410 Datasheet HTML 7Page - International Rectifier IRFR5410 Datasheet HTML 8Page - International Rectifier IRFR5410 Datasheet HTML 9Page - International Rectifier IRFR5410 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRFR/U5410
6
www.irf.com
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
QG
QGS
QGD
VG
Charge
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
-
+
VDD
25
50
75
100
125
150
0
100
200
300
400
500
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
-3.5A
-4.9A
-7.8A


Similar Part No. - IRFR5410

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR5410 KERSEMI-IRFR5410 Datasheet
1Mb / 10P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRFR5410 ISC-IRFR5410 Datasheet
340Kb / 2P
   P-Channel MOSFET Transistor
logo
International Rectifier
IRFR5410PBF IRF-IRFR5410PBF Datasheet
264Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR5410PBF KERSEMI-IRFR5410PBF Datasheet
3Mb / 10P
   HEXFET POWER MOSFET
logo
International Rectifier
IRFR5410PBF IRF-IRFR5410PBF Datasheet
273Kb / 11P
   ULTRA LOW ON RESISTANCE
More results

Similar Description - IRFR5410

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFRU6215 IRF-IRFRU6215 Datasheet
141Kb / 10P
   Power MOSFET(Vdss=-150V, Rds(on)=0.295ohm, Id=-13A)
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF5210 IRF-IRF5210 Datasheet
125Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com