Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFRU9024N Datasheet(PDF) 8 Page - International Rectifier

Part # IRFRU9024N
Description  Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFRU9024N Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFRU9024N Datasheet HTML 2Page - International Rectifier IRFRU9024N Datasheet HTML 3Page - International Rectifier IRFRU9024N Datasheet HTML 4Page - International Rectifier IRFRU9024N Datasheet HTML 5Page - International Rectifier IRFRU9024N Datasheet HTML 6Page - International Rectifier IRFRU9024N Datasheet HTML 7Page - International Rectifier IRFRU9024N Datasheet HTML 8Page - International Rectifier IRFRU9024N Datasheet HTML 9Page - International Rectifier IRFRU9024N Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRFR/U9024N
Package Outline
TO-252AA Outline
Dimensions are shown in millimeters (inches)
TO-252AA (D-Pak)
Part Marking Information
6.73 (.265)
6.35 (.250)
- A -
4
1
2
3
6.22 (.245)
5.97 (.235)
- B -
3X
0.89 (.035)
0.64 (.025)
0.25 ( .010)
M A M B
4.57 (.180)
2.28 (.090)
2X
1.14 (.045)
0.76 (.030)
1.52 (.060)
1.15 (.045)
1.02 (.040)
1.64 (.025)
5.46 (.215)
5.21 (.205)
1.27 (.050)
0.88 (.035)
2.38 (.094)
2.19 (.086)
1.14 (.045)
0.89 (.035)
0.58 (.023)
0.46 (.018)
6.45 (.245)
5.68 (.224)
0.51 (.020)
MIN.
0.58 (.023)
0.46 (.018)
LEA D AS SIG NME NT S
1 - G AT E
2 - DRA IN
3 - S OUR CE
4 - DRA IN
10.42 (.410)
9.40 (.370)
NOT ES:
1 DIME NSIO NING & T OLE RANCING P ER A NSI Y 14.5M, 1982.
2 CO NTRO LLING DIMENS ION : INCH.
3 CO NFO RMS T O JEDE C O UTLINE TO -252AA .
4 DIME NSIO NS S HO W N ARE BEF O RE SO LD ER DIP ,
SO LDER DIP MA X. +0.16 (.006).
IN TE R N A TIO N A L
R E CT IF IE R
L O G O
ASSEMBL Y
L O T
C OD E
EXAM PL E : T H IS IS AN IR F R 1 2 0
W IT H ASSEMBL Y
L OT C OD E 9 U 1P
FIR S T P O R T ION
OF PAR T N U MBER
SEC O N D PO R T ION
O F PAR T N U M BER
12 0
IR F R
9 U
1P
A


Similar Part No. - IRFRU9024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFRU9120N IRF-IRFRU9120N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A)
logo
Kersemi Electronic Co.,...
IRFRU9120N KERSEMI-IRFRU9120N Datasheet
1Mb / 10P
   Power MOSFET
IRFRU9120N KERSEMI-IRFRU9120N Datasheet
1Mb / 10P
   Power MOSFET
logo
Lucky Light Electronic
IRFRU9120N LUCKY-LIGHT-IRFRU9120N_15 Datasheet
1Mb / 10P
   Power MOSFET
logo
International Rectifier
IRFRU9214 IRF-IRFRU9214 Datasheet
107Kb / 10P
   Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A)
More results

Similar Description - IRFRU9024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9Z24NS IRF-IRF9Z24NS Datasheet
168Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRF9Z24N IRF-IRF9Z24N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175廓 , ID = -11A )
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFP340 IRF-IRFP340 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF9Z24S IRF-IRF9Z24S Datasheet
311Kb / 10P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
448IRF IRF-448IRF Datasheet
168Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
IRF9640S IRF-IRF9640S Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com