Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFRU9310 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFRU9310
Description  Power MOSFET(Vdss=-400V, Rds(on)=7.0ohm, Id=-1.8A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFRU9310 Datasheet(HTML) 1 Page - International Rectifier

  IRFRU9310 Datasheet HTML 1Page - International Rectifier IRFRU9310 Datasheet HTML 2Page - International Rectifier IRFRU9310 Datasheet HTML 3Page - International Rectifier IRFRU9310 Datasheet HTML 4Page - International Rectifier IRFRU9310 Datasheet HTML 5Page - International Rectifier IRFRU9310 Datasheet HTML 6Page - International Rectifier IRFRU9310 Datasheet HTML 7Page - International Rectifier IRFRU9310 Datasheet HTML 8Page - International Rectifier IRFRU9310 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFR/U9310
PRELIMINARY
HEXFET® Power MOSFET
7/30/97
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.5
RθJA
Junction-to-Ambient (PCB mount)**
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
D - P a k
TO - 2 52 A A
I- P a k
TO - 251A A
l P-Channel
l Surface Mount (IRFR9310)
l Straight Lead (IRFU9310)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
Description
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
-1.8
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V
-1.1
A
IDM
Pulsed Drain Current

-7.2
PD @TC = 25°C
Power Dissipation
50
W
Linear Derating Factor
0.40
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
92
mJ
IAR
Avalanche Current

-1.8
A
EAR
Repetitive Avalanche Energy

5.0
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
-24
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Third Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
low
on-resistance per silicon area.
This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D-Pak is designed for surface mounting using
vapor phase, infrared, or wave soldering techniques.
The straight lead version (IRFU series) is for through-
hole mounting applications. Power dissipation levels
up to 1.5 watts are possible in typical surface mount
applications.
PD 9.1663
S
D
G
VDSS = -400V
RDS(on) = 7.0Ω
ID = -1.8A


Similar Part No. - IRFRU9310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
IRFRU9120N IRF-IRFRU9120N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A)
logo
Kersemi Electronic Co.,...
IRFRU9120N KERSEMI-IRFRU9120N Datasheet
1Mb / 10P
   Power MOSFET
IRFRU9120N KERSEMI-IRFRU9120N Datasheet
1Mb / 10P
   Power MOSFET
logo
Lucky Light Electronic
IRFRU9120N LUCKY-LIGHT-IRFRU9120N_15 Datasheet
1Mb / 10P
   Power MOSFET
More results

Similar Description - IRFRU9310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRF9610S IRF-IRF9610S Datasheet
163Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRFBE20 IRF-IRFBE20 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.8A)
IRFR1N60A IRF-IRFR1N60A Datasheet
227Kb / 9P
   Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)
IRF9610 IRF-IRF9610 Datasheet
161Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
IRFI740GLC IRF-IRFI740GLC Datasheet
221Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A)
IRFP350LC IRF-IRFP350LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFI720G IRF-IRFI720G Datasheet
170Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com