Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC02 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HC02
Description  Quad. 2-input NOR Gates
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC02 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HC02_15 Datasheet HTML 1Page - Renesas Technology Corp HD74HC02_15 Datasheet HTML 2Page - Renesas Technology Corp HD74HC02_15 Datasheet HTML 3Page - Renesas Technology Corp HD74HC02_15 Datasheet HTML 4Page - Renesas Technology Corp HD74HC02_15 Datasheet HTML 5Page - Renesas Technology Corp HD74HC02_15 Datasheet HTML 6Page - Renesas Technology Corp HD74HC02_15 Datasheet HTML 7Page - Renesas Technology Corp HD74HC02_15 Datasheet HTML 8Page - Renesas Technology Corp HD74HC02_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74HC02
Rev.2.00, Oct 06, 2005 page 3 of 6
Electrical Characteristics
Ta = 25
°C
Ta = –40 to+85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
1.5
1.5
4.5
3.15
3.15
VIH
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
Input voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
IOH = –20
µA
4.5
4.18
4.13
IOH = –4 mA
VOH
6.0
5.68
5.63
V
Vin = VIH or VIL
IOH = –5.2 mA
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
IOL = 20
µA
4.5
0.26
0.33
IOL = 4 mA
Output voltage
VOL
6.0
0.26
0.33
V
Vin = VIH or VIL
IOL = 5.2 mA
Input current
Iin
6.0
±0.1
±1.0
µA Vin = VCC or GND
Quiescent supply
current
ICC
6.0
1.0
10
µA Vin = VCC or GND, Iout = 0 µA
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
90
115
4.5
7
18
23
tPLH
6.0
15
20
ns
2.0
90
115
4.5
6
18
23
Propagation delay
time
tPHL
6.0
15
20
ns
2.0
75
95
4.5
5
15
19
Output rise time
tTLH
6.0
13
16
ns
2.0
75
95
4.5
5
15
19
Output fall time
tTHL
6.0
13
16
ns
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HC02_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC02FPEL RENESAS-HD74HC02FPEL Datasheet
91Kb / 7P
   Quad. 2-input NOR Gates
HD74HC02P RENESAS-HD74HC02P Datasheet
91Kb / 7P
   Quad. 2-input NOR Gates
HD74HC02RPEL RENESAS-HD74HC02RPEL Datasheet
91Kb / 7P
   Quad. 2-input NOR Gates
HD74HC02TELL RENESAS-HD74HC02TELL Datasheet
91Kb / 7P
   Quad. 2-input NOR Gates
More results

Similar Description - HD74HC02_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM7402 FAIRCHILD-DM7402 Datasheet
33Kb / 3P
   Quad 2-Input NOR Gates
logo
Renesas Technology Corp
RD74LVC02B RENESAS-RD74LVC02B Datasheet
69Kb / 8P
   Quad. 2-input NOR Gates
logo
Hitachi Semiconductor
HD74LV02A HITACHI-HD74LV02A Datasheet
52Kb / 13P
   Quad. 2-input NOR Gates
logo
Renesas Technology Corp
RD74LVC02B RENESAS-RD74LVC02B_15 Datasheet
93Kb / 10P
   Quad. 2-input NOR Gates
logo
National Semiconductor ...
5402 NSC-5402 Datasheet
93Kb / 4P
   Quad 2-Input NOR Gates
54LS02 NSC-54LS02 Datasheet
120Kb / 6P
   Quad 2-Input NOR Gates
logo
Renesas Technology Corp
HD74LV02A RENESAS-HD74LV02A Datasheet
65Kb / 8P
   Quad. 2-input NOR Gates
HD74HC02 RENESAS-HD74HC02 Datasheet
91Kb / 7P
   Quad. 2-input NOR Gates
logo
Hitachi Semiconductor
HD74HC02 HITACHI-HD74HC02 Datasheet
46Kb / 8P
   Quad. 2-input NOR Gates
logo
Renesas Technology Corp
HD74LVC02 RENESAS-HD74LVC02 Datasheet
177Kb / 6P
   Quad. 2-input NOR Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com