Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS14 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS14
Description  Hex Schmitt Trigger Inverters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS14 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS14_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74LS14
REJ03D0399-0400 Rev.4.00 Apr 07, 2009
Page 2 of 6
Circuit Schematic (1/6)
A
20k
VCC
GND
Y
Output
Input
75
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Input voltage
VIN
7
V
Supply voltage
VCC
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
–400
µA
Output current
IOL
8
mA
Operating temperature
Topr
–20
25
75
°C


Similar Part No. - HD74LS14_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS145 HITACHI-HD74LS145 Datasheet
67Kb / 6P
   BCD-to-Decimal Decoders / Drivers(with 15V outputs)
HD74LS145 HITACHI-HD74LS145 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LS145 RENESAS-HD74LS145 Datasheet
88Kb / 6P
   BCD-to-Decimal Decoder / Driver (with 15 V outputs)
HD74LS145 RENESAS-HD74LS145 Datasheet
90Kb / 7P
   BCD-to-Decimal Decoder / Driver (with 15 V outputs)
HD74LS145FPEL RENESAS-HD74LS145FPEL Datasheet
88Kb / 6P
   BCD-to-Decimal Decoder / Driver (with 15 V outputs)
More results

Similar Description - HD74LS14_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com