Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS14 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS14
Description  Hex Schmitt Trigger Inverters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS14 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS14_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LS14_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74LS14
REJ03D0399-0400 Rev.4.00 Apr 07, 2009
Page 3 of 6
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VT
+
1.4
1.6
1.9
V
VCC = 5 V
Input threshold
voltage
VT
0.5
0.7
1.0
V
VCC = 5 V
Hysteresis
VT
+ – V
T
0.4
0.9
V
VCC = 5 V
VOH
2.7
V
VCC = 4.75 V, VI = 0.5 V, IOH = –400
µA
0.5
IOL = 8 mA
Output voltage
VOL
0.4
V
IOL = 4 mA
VCC = 4.75 V, VI = 1.9 V
IT
+
–0.14
mA
VCC = 5 V, VI = VT
+
Input threshold
current
IT
–0.18
mA
VCC = 5 V, VI = VT
IIH
20
µA
VCC = 5.25 V, VI = 2.7 V
IIL
–0.4
mA
VCC = 5.25 V, VI = 0.4 V
Input current
II
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output
current
IOS
–20
–100
mA
VCC = 5.25 V
ICCH
8.6
16
mA
VCC = 5.25 V
Supply current
ICCL
12
21
mA
VCC = 5.25 V
Input clamp voltage
VIK
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Note:
* VCC = 5 V, Ta = 25°C
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
min.
typ.
max.
Unit
Condition
tPLH
15
22
ns
Propagation delay time
tPHL
15
22
ns
CL = 15 pF, RL = 2 k


Similar Part No. - HD74LS14_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS145 HITACHI-HD74LS145 Datasheet
67Kb / 6P
   BCD-to-Decimal Decoders / Drivers(with 15V outputs)
HD74LS145 HITACHI-HD74LS145 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LS145 RENESAS-HD74LS145 Datasheet
88Kb / 6P
   BCD-to-Decimal Decoder / Driver (with 15 V outputs)
HD74LS145 RENESAS-HD74LS145 Datasheet
90Kb / 7P
   BCD-to-Decimal Decoder / Driver (with 15 V outputs)
HD74LS145FPEL RENESAS-HD74LS145FPEL Datasheet
88Kb / 6P
   BCD-to-Decimal Decoder / Driver (with 15 V outputs)
More results

Similar Description - HD74LS14_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com