Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1GT00A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV1GT00A
Description  2?밿nput NAND Gate / CMOS Logic Level Shifter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GT00A Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LV1GT00A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GT00A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GT00A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GT00A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GT00A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GT00A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GT00A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV1GT00A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV1GT00A_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74LV1GT00A
REJ03D0115-0900 Rev.9.00, Mar 21, 2008
Page 4 of 6
Electrical Characteristic
• Ta = –40 to 85°C
Item
Symbol
VCC (V) *
Min
Typ
Max
Unit
Test condition
3.0 to 3.6
1.5
VIH
4.5 to 5.5
2.0
3.0 to 3.6
0.6
Input voltage
VIL
4.5 to 5.5
0.8
V
3.3
0.10
Hysteresis voltage
VH
5.0
0.15
V
VT
+ – V
T
Min to Max
VCC–0.1
IOH = –50
µA
3.0
2.48
IOH = –6 mA
VOH
4.5
3.8
IOH = –12 mA
Min to Max
0.1
IOL = 50
µA
3.0
0.44
IOL = 6 mA
Output voltage
VOL
4.5
0.55
V
IOL = 12 mA
Input current
IIN
0 to 5.5
±1
µA
VIN = 5.5 V or GND
Quiescent
supply current
ICC
5.5
10
µA
VIN = VCC or GND,
IO = 0
∆ICC
5.5
1.5
mA
One input VIN = 3.4 V,
other input VCC or GND
Output leakage current
IOFF
0
5
µA
VIN or VO = 0 to 5.5 V
Input capacitance
CIN
5.0
2.5
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.
Switching Characteristics
• V
CC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
7.0
10.0
1.0
12.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
7.5
12.0
1.0
14.0
ns
CL = 50 pF
A or B
Y
• V
CC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
5.0
6.9
1.0
8.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
5.5
7.9
1.0
9.0
ns
CL = 50 pF
A or B
Y
Operating Characteristics
• C
L = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
Power dissipation
capacitance
CPD
5.0
11.0
pF
f = 10 MHz


Similar Part No. - HD74LV1GT00A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GT00ACME RENESAS-HD74LV1GT00ACME Datasheet
101Kb / 7P
   2-input NAND Gate / CMOS Logic Level Shiftereg
HD74LV1GT00AVSE RENESAS-HD74LV1GT00AVSE Datasheet
101Kb / 7P
   2-input NAND Gate / CMOS Logic Level Shiftereg
More results

Similar Description - HD74LV1GT00A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GT02A RENESAS-HD74LV1GT02A_15 Datasheet
137Kb / 9P
   2?밿nput NOR Gate / CMOS Logic Level Shifter
HD74LV1GT08A RENESAS-HD74LV1GT08A_15 Datasheet
136Kb / 9P
   2?밿nput AND Gate / CMOS Logic Level Shifter
HD74LV1GT32A RENESAS-HD74LV1GT32A_15 Datasheet
136Kb / 9P
   2?밿nput OR Gate / CMOS Logic Level Shifter
HD74LV1GT86A RENESAS-HD74LV1GT86A_15 Datasheet
139Kb / 9P
   2?밿nput Exclusive?밢R Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT00 ONSEMI-MC74VHC1GT00 Datasheet
188Kb / 8P
   2-Input NAND Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
MC74VHC1GT00DTT1G ONSEMI-MC74VHC1GT00DTT1G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 12
MC74VHC1GT00DFT2G ONSEMI-MC74VHC1GT00DFT2G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
May, 2011 ??Rev. 12
NL17SHT00 ONSEMI-NL17SHT00 Datasheet
103Kb / 5P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT00 ONSEMI-MC74VHC1GT00_14 Datasheet
82Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
June, 2014 ??Rev. 13
logo
Renesas Technology Corp
HD74LV1G00A RENESAS-HD74LV1G00A_15 Datasheet
165Kb / 9P
   2?밿nput NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com