Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ24V Datasheet(PDF) 4 Page - International Rectifier

Part # IRFZ24V
Description  Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ24V Datasheet(HTML) 4 Page - International Rectifier

  IRFZ24V Datasheet HTML 1Page - International Rectifier IRFZ24V Datasheet HTML 2Page - International Rectifier IRFZ24V Datasheet HTML 3Page - International Rectifier IRFZ24V Datasheet HTML 4Page - International Rectifier IRFZ24V Datasheet HTML 5Page - International Rectifier IRFZ24V Datasheet HTML 6Page - International Rectifier IRFZ24V Datasheet HTML 7Page - International Rectifier IRFZ24V Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFZ24V
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
4
8
12
16
20
24
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
17A
V
= 12V
DS
V
= 30V
DS
V
= 48V
DS
0.1
1
10
100
0.2
0.6
1.0
1.4
1.8
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 175 C
J
°
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
1
10
100
VDS, Drain-to-Source Voltage (V)
0
200
400
600
800
1000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds+ Cgd


Similar Part No. - IRFZ24V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ24VL IRF-IRFZ24VL Datasheet
124Kb / 10P
   HEXFET Power MOSFET
IRFZ24VLPBF IRF-IRFZ24VLPBF Datasheet
267Kb / 10P
   HEXFET Power MOSFET
IRFZ24VPBF IRF-IRFZ24VPBF Datasheet
182Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ24VS IRF-IRFZ24VS Datasheet
124Kb / 10P
   HEXFET Power MOSFET
IRFZ24VSPBF IRF-IRFZ24VSPBF Datasheet
267Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRFZ24V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP264N IRF-IRFP264N Datasheet
222Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRF530N IRF-IRF530N Datasheet
212Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=90mohm, Id=17A)
IRFRU024N IRF-IRFRU024N Datasheet
178Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A??
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com