Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HK212547NJ-TV Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # HK212547NJ-TV
Description  High Frequency Multilayer Chip Inductors for Automotive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HK212547NJ-TV Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  HK212547NJ-TV Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS (High Reliability Application)
High Frequency Multilayer Chip Inductors for Automotive / Industrial Applications (HK series)
HK212547NJ-TV
Features
Item Summary
47nH(±5%), 120mA, 18, 0805
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping 3000pcs
Products characteristics table
CaseSize (EIA/JIS)
0805/2012
Inductance
47nH(±5%)
Inductance Measuring Frequency
100MHz
Rated Current
120mA
DC Resistance (max)
0.7Ω
Avg. of DC.Resistance
0.26Ω
Temperature Range
-40 to +125 ℃
Self-resonant Frequency (min)
900MHz
Q (max)
18min
Q Measuring Frequency
100MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow/Wave
External Dimensions
L
2mm +0.3:-0.1
W
1.25mm ±0.2
H
1mm +0.2:-0.3
e
0.5mm ±0.3
2015.04.29
1 / 1


Similar Part No. - HK212547NJ-TV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK21254N7S-T TAIYO-YUDEN-HK21254N7S-T Datasheet
659Kb / 32P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK21254N7S-T TAIYO-YUDEN-HK21254N7S-T Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK21254N7S-TV TAIYO-YUDEN-HK21254N7S-TV Datasheet
143Kb / 1P
   High Frequency Multilayer Chip Inductors for Automotive
More results

Similar Description - HK212547NJ-TV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK10053N6S-TV TAIYO-YUDEN-HK10053N6S-TV Datasheet
143Kb / 1P
   High Frequency Multilayer Chip Inductors for Automotive
HK10054N3S-TV TAIYO-YUDEN-HK10054N3S-TV Datasheet
143Kb / 1P
   High Frequency Multilayer Chip Inductors for Automotive
HK100515NJ-TV TAIYO-YUDEN-HK100515NJ-TV Datasheet
143Kb / 1P
   High Frequency Multilayer Chip Inductors for Automotive
HK100527NJ-TV TAIYO-YUDEN-HK100527NJ-TV Datasheet
143Kb / 1P
   High Frequency Multilayer Chip Inductors for Automotive
HK100533NJ-TV TAIYO-YUDEN-HK100533NJ-TV Datasheet
143Kb / 1P
   High Frequency Multilayer Chip Inductors for Automotive
HK100539NJ-TV TAIYO-YUDEN-HK100539NJ-TV Datasheet
143Kb / 1P
   High Frequency Multilayer Chip Inductors for Automotive
HK10051N2S-TV TAIYO-YUDEN-HK10051N2S-TV Datasheet
143Kb / 1P
   High Frequency Multilayer Chip Inductors for Automotive
HK10052N2S-TV TAIYO-YUDEN-HK10052N2S-TV Datasheet
143Kb / 1P
   High Frequency Multilayer Chip Inductors for Automotive
HK10059N1J-TV TAIYO-YUDEN-HK10059N1J-TV Datasheet
143Kb / 1P
   High Frequency Multilayer Chip Inductors for Automotive
HK1608R18J-TV TAIYO-YUDEN-HK1608R18J-TV Datasheet
143Kb / 1P
   High Frequency Multilayer Chip Inductors for Automotive
HK21252N7S-TV TAIYO-YUDEN-HK21252N7S-TV Datasheet
143Kb / 1P
   High Frequency Multilayer Chip Inductors for Automotive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com