Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJL5012DPE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJL5012DPE
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJL5012DPE Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJL5012DPE_15 Datasheet HTML 1Page - Renesas Technology Corp RJL5012DPE_15 Datasheet HTML 2Page - Renesas Technology Corp RJL5012DPE_15 Datasheet HTML 3Page - Renesas Technology Corp RJL5012DPE_15 Datasheet HTML 4Page - Renesas Technology Corp RJL5012DPE_15 Datasheet HTML 5Page - Renesas Technology Corp RJL5012DPE_15 Datasheet HTML 6Page - Renesas Technology Corp RJL5012DPE_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0435EJ0200 Rev.2.00
Page 1 of 6
Jun 14, 2011
Preliminary Datasheet
RJL5012DPE
Silicon N Channel MOS FET
High Speed Power Switching
Features
 Built-in fast recovery diode
 Low on-resistance
RDS(on) = 0.56  typ. (at ID = 6 A, VGS = 10 V, Ta = 25 C)
 Low leakage current
 High speed switching
Outline
1
2
3
4
RENESAS Package code: PRSS0004AE-B
(Package name: LDPAK(S)-(1) )
1. Gate
2. Drain
3. Source
4. Drain
D
G
S
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
500
V
Gate to source voltage
VGSS
30
V
Drain current
ID
12
A
Drain peak current
ID (pulse)
Note1
36
A
Body-drain diode reverse drain current
IDR
12
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
36
A
Avalanche current
IAP
Note3
3
A
Avalanche energy
EAR
Note3
0.5
mJ
Channel dissipation
Pch
Note2
100
W
Channel to case thermal impedance
ch-c
1.25
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. Value at Tc = 25
C
3. STch = 25
C, Tch  150C
R07DS0435EJ0200
(Previous: REJ03G1745-0100)
Rev.2.00
Jun 14, 2011


Similar Part No. - RJL5012DPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJL5012DPE RENESAS-RJL5012DPE Datasheet
86Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJL5012DPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com