Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC20KD Datasheet(PDF) 3 Page - International Rectifier

Part # IRG4BC20KD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20KD Datasheet(HTML) 3 Page - International Rectifier

  IRG4BC20KD Datasheet HTML 1Page - International Rectifier IRG4BC20KD Datasheet HTML 2Page - International Rectifier IRG4BC20KD Datasheet HTML 3Page - International Rectifier IRG4BC20KD Datasheet HTML 4Page - International Rectifier IRG4BC20KD Datasheet HTML 5Page - International Rectifier IRG4BC20KD Datasheet HTML 6Page - International Rectifier IRG4BC20KD Datasheet HTML 7Page - International Rectifier IRG4BC20KD Datasheet HTML 8Page - International Rectifier IRG4BC20KD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRG4BC20KD
www.irf.com
3
0.1
1
10
100
0
2
4
6
8
10
f, Frequency (KHz)
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
For both:
D uty cy cle: 50%
T = 12 5 °C
T
= 90 °C
G a te drive as specifie d
sin k
J
P ow e r Dis sip ation =
W
6 0% of rate d
volta ge
I
Ideal diodes
S qua re w a v e :
13
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
1
10
100
1
10
V
, Collector-to-Emitter Voltage (V)
CE

V
= 15V
20µs PULSE WIDTH
GE

T = 25 C
J
o

T = 150 C
J
o
1
10
100
5
10
15
20
V
, Gate-to-Emitter Voltage (V)
GE

V
= 50V
5µs PULSE WIDTH
CC

T = 25 C
J
o

T = 150 C
J
o


Similar Part No. - IRG4BC20KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20KD-S IRF-IRG4BC20KD-S Datasheet
222Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
IRG4BC20KD-SPBF IRF-IRG4BC20KD-SPBF Datasheet
364Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULRTAFAST SOFR RECOVERY DIODE
IRG4BC20KDPBF IRF-IRG4BC20KDPBF Datasheet
319Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC20KDPBF IRF-IRG4BC20KDPBF Datasheet
320Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAGAST SOFT RECOVERY DIODE
IRG4BC20KDPBF IRF-IRG4BC20KDPBF_15 Datasheet
320Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAGAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4BC20KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20KDS IRF-IRG4BC20KDS Datasheet
222Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
IRG4BC20K IRF-IRG4BC20K Datasheet
138Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
IRG4BC20KS IRF-IRG4BC20KS Datasheet
162Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC20FD IRF-IRG4BC20FD Datasheet
222Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC20F IRF-IRG4BC20F Datasheet
161Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20UDS IRF-IRG4BC20UDS Datasheet
235Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30UD IRF-IRG4BC30UD Datasheet
234Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com