Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2159-35-50 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2159-35-50
Description  3.5 MHz min 3 dB Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2159-35-50 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2159-35-50 Datasheet HTML 1Page - KR Electronics, Inc. 2159-35-50 Datasheet HTML 2Page - KR Electronics, Inc. 2159-35-50 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
© 2015, KR Electronics, Inc.
2159-3.5-50 , 3.5 MHz Lowpass, Rev 0
Passband Amplitude & Return Loss
(1 dB/div & 5 dB/div)
KR Electronics, Inc.
Typical Performance
KR Electronics, Inc.
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Similar Part No. - 2159-35-50

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2159-3.5-50 KR-2159-3.5-50 Datasheet
53Kb / 3P
   3.5 MHz min 3 dB Bandwidth
More results

Similar Description - 2159-35-50

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2159-3.5-50 KR-2159-3.5-50 Datasheet
53Kb / 3P
   3.5 MHz min 3 dB Bandwidth
3232-N KR-3232-N Datasheet
57Kb / 3P
   125 MHz min 1 dB Bandwidth
logo
API Technologies Corp
SF0070CF51549T APITECH-SF0070CF51549T Datasheet
201Kb / 2P
   70.0 MHz Filter 3.5 MHz Bandwidth
SF0070BA03052S APITECH-SF0070BA03052S Datasheet
257Kb / 2P
   70 MHz Filter 3.5 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51549T ICST-SF0070CF51549T Datasheet
197Kb / 2P
   70.0 MHz Filter 3.5 MHz Bandwidth
SF0070BA03052S ICST-SF0070BA03052S Datasheet
256Kb / 2P
   70 MHz Filter 3.5 MHz Bandwidth
logo
M.S. Kennedy Corporatio...
MSK801 MSK-MSK801_15 Datasheet
365Kb / 6P
   10 MHz full power bandwidth min.
logo
API Technologies Corp
SF0048BA02645S APITECH-SF0048BA02645S Datasheet
199Kb / 3P
   48 MHz SAW Filter 3.5 MHz Bandwidth
logo
Vishay Siliconix
DG2721 VISHAY-DG2721 Datasheet
124Kb / 7P
   500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
Rev. D, 30-Jun-08
DG2723 VISHAY-DG2723 Datasheet
161Kb / 9P
   700 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
Rev. A, 30-Jun-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com