Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2391B-9-50 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2391B-9-50
Description  9 MHz Cuttoff Frquency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2391B-9-50 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2391B-9-50 Datasheet HTML 1Page - KR Electronics, Inc. 2391B-9-50 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2009, KR Electronics, Inc.
2391B-9-50, Rev 0, April 23, 2009
Parameter
Specification
Filter type
Lowpass
Insertion Loss
< 1 dB
End of Passband (< 0.25 dB)
9 MHz
Passband Ripple
< 0.25 dB
Attenuation at 9.9 MHz
< 3 dB
Attenuation at 12.42 MHz
> 45 dB
Group Delay Ripple to 9 MHz
< 10 nsec (5 nsec typical)
Source and Load
50
KR Electronics 2391B-9-50
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Dimensions in inches
BNC(F) to BNC(M) connectors
Other connector options and configurations available on request including surface mount


Similar Part No. - 2391B-9-50

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2391B-18-50 KR-2391B-18-50 Datasheet
47Kb / 2P
   18 MHz Cuttoff Frquency
2391B-45-50 KR-2391B-45-50 Datasheet
48Kb / 2P
   Lowpass Filter
More results

Similar Description - 2391B-9-50

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2391A-6-50 KR-2391A-6-50 Datasheet
35Kb / 2P
   6 MHz Cuttoff Frquency
2391A-16-50 KR-2391A-16-50 Datasheet
35Kb / 2P
   16 MHz Cuttoff Frquency
2929 KR-2929 Datasheet
47Kb / 2P
   1 MHz Cuttoff Frquency
2391B-18-50 KR-2391B-18-50 Datasheet
47Kb / 2P
   18 MHz Cuttoff Frquency
2928 KR-2928 Datasheet
47Kb / 2P
   100 KHz Cuttoff Frquency
2928-1 KR-2928-1 Datasheet
46Kb / 2P
   100 KHz Cuttoff Frquency
2923-SMA KR-2923-SMA Datasheet
98Kb / 3P
   110 MHz Cuttoff Frequency
2922 KR-2922 Datasheet
51Kb / 3P
   114 MHz Cuttoff Frequency
2912 KR-2912 Datasheet
43Kb / 2P
   45 MHz Cuttoff Frequency
2923 KR-2923 Datasheet
51Kb / 3P
   110 MHz Cuttoff Frequency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com