Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC20MDS Datasheet(PDF) 11 Page - International Rectifier

Part # IRG4BC20MDS
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=11A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20MDS Datasheet(HTML) 11 Page - International Rectifier

Back Button IRG4BC20MDS Datasheet HTML 3Page - International Rectifier IRG4BC20MDS Datasheet HTML 4Page - International Rectifier IRG4BC20MDS Datasheet HTML 5Page - International Rectifier IRG4BC20MDS Datasheet HTML 6Page - International Rectifier IRG4BC20MDS Datasheet HTML 7Page - International Rectifier IRG4BC20MDS Datasheet HTML 8Page - International Rectifier IRG4BC20MDS Datasheet HTML 9Page - International Rectifier IRG4BC20MDS Datasheet HTML 10Page - International Rectifier IRG4BC20MDS Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IRG4BC20MD-S
www.irf.com
11
Notes:
QRepetitive rating: VGE=20V; pulse width limited by maximum junction tem-
perature (figure 20)
RVCC=80%(VCES), VGE=20V, L=10µH, RG = 50Ω (figure 19)
SPulse width ≤ 80µs; duty factor ≤ 0.1%.
TPulse width 5.0µs, single shot.
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 3/01
D2Pak Tape & Reel Information
3
4
4
TR R
F EED DIRECT IO N
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TR L
F E E D DIRECT IO N
10.90 (.42 9)
10.70 (.42 1)
16 .10 (.63 4)
15 .90 (.62 6)
1.75 (.06 9)
1.25 (.04 9)
1 1.6 0 (.45 7)
1 1.4 0 (.44 9)
15.4 2 (.60 9)
15.2 2 (.60 1)
4.72 (.1 3 6)
4.52 (.1 7 8)
24.30 (.957)
23.90 (.941)
0.368 (.01 45 )
0.342 (.01 35 )
1.60 (.06 3)
1.50 (.05 9)
13.50 (.532)
12.80 (.504)
330 .00
(14.173)
MAX .
2 7.40 (1.079)
2 3.90 (.941)
60.00 (2.3 62)
MIN .
30.40 (1.197)
M AX.
26 .40 (1.039)
24 .40 (.961)
NO T ES :
1. C OM F OR MS TO EIA-418.
2. C ON TR O LLING DIM ENS IO N: M ILLIM ETER .
3. D IME NSIO N M EAS URE D @ HUB .
4. IN CLUDE S F LAN GE DISTORT ION @ OUTER E DGE.


Similar Part No. - IRG4BC20MDS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20MDS IRF-IRG4BC20MDS_07 Datasheet
298Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4BC20MDS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20MD IRF-IRG4BC20MD Datasheet
251Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=11A)
IRG4BC20UDS IRF-IRG4BC20UDS Datasheet
235Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC20UD IRF-IRG4BC20UD Datasheet
236Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC30UD IRF-IRG4BC30UD Datasheet
234Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4PC30KD IRF-IRG4PC30KD Datasheet
178Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC15MD IRF-IRG4BC15MD Datasheet
256Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.88V, @Vge=15V, Ic=8.6A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com