Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC20S Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4BC20S
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20S Datasheet(HTML) 6 Page - International Rectifier

  IRG4BC20S Datasheet HTML 1Page - International Rectifier IRG4BC20S Datasheet HTML 2Page - International Rectifier IRG4BC20S Datasheet HTML 3Page - International Rectifier IRG4BC20S Datasheet HTML 4Page - International Rectifier IRG4BC20S Datasheet HTML 5Page - International Rectifier IRG4BC20S Datasheet HTML 6Page - International Rectifier IRG4BC20S Datasheet HTML 7Page - International Rectifier IRG4BC20S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRG4BC20S
6
www.irf.com
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
0
4
8
12
16
20
0.0
2.0
4.0
6.0
8.0
I
, Collector-to-emitter Current (A)
C

R
= 50Ohm
T
= 150 C
V
= 480V
V
= 15V
G
J
CC
GE
°
1
10
100
1
10
100
1000

V
= 20V
T
= 125 C
GE
J
o
V
, Collector-to-Emitter Voltage (V)
CE

SAFE OPERATING AREA


Similar Part No. - IRG4BC20S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20S IRF-IRG4BC20S Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRG4BC20SD IRF-IRG4BC20SD Datasheet
287Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
IRG4BC20SD-S IRF-IRG4BC20SD-S Datasheet
382Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
IRG4BC20SD-SPBF IRF-IRG4BC20SD-SPBF Datasheet
512Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIOD
IRG4BC20SDPBF IRF-IRG4BC20SDPBF Datasheet
325Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4BC20S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30S IRF-IRG4BC30S Datasheet
161Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRG4PC30S IRF-IRG4PC30S Datasheet
120Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRG4BC30SS IRF-IRG4BC30SS_04 Datasheet
204Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRG4BC30SS IRF-IRG4BC30SS Datasheet
152Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRG4BC20SD IRF-IRG4BC20SD Datasheet
287Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
IRG4BC20SDS IRF-IRG4BC20SDS Datasheet
382Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
IRG4PH30K IRF-IRG4PH30K Datasheet
161Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.10V, @Vge=15V, Ic=10A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC40U IRF-IRG4PC40U Datasheet
148Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com