Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC20SDS Datasheet(PDF) 9 Page - International Rectifier

Part # IRG4BC20SDS
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20SDS Datasheet(HTML) 9 Page - International Rectifier

Back Button IRG4BC20SDS Datasheet HTML 2Page - International Rectifier IRG4BC20SDS Datasheet HTML 3Page - International Rectifier IRG4BC20SDS Datasheet HTML 4Page - International Rectifier IRG4BC20SDS Datasheet HTML 5Page - International Rectifier IRG4BC20SDS Datasheet HTML 6Page - International Rectifier IRG4BC20SDS Datasheet HTML 7Page - International Rectifier IRG4BC20SDS Datasheet HTML 8Page - International Rectifier IRG4BC20SDS Datasheet HTML 9Page - International Rectifier IRG4BC20SDS Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRG4BC20SD-S
www.irf.com
9
V g
G A T E SIG N AL
DE V ICE UNDE R T E S T
CU RRE NT D.U.T .
V O L T AGE IN D .U .T .
CU RRE NT IN D1
t0
t1
t2
D.U.T.
V *
c
50V
L
1000V
600 0µ F
100 V
Figure 19. Clamped Inductive Load Test Circuit
Figure 20. Pulsed Collector Current
Test Circuit
RL=
480V
2 X IC @25°C
0 - 480V
Figure 18e. Macro Waveforms for Figure 18a's Test Circuit


Similar Part No. - IRG4BC20SDS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20SD IRF-IRG4BC20SD Datasheet
287Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
IRG4BC20SD-SPBF IRF-IRG4BC20SD-SPBF Datasheet
512Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIOD
IRG4BC20SDPBF IRF-IRG4BC20SDPBF Datasheet
325Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4BC20SDS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20SD IRF-IRG4BC20SD Datasheet
287Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
IRG4BC20S IRF-IRG4BC20S Datasheet
157Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
IRG4BC30S IRF-IRG4BC30S Datasheet
161Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRG4PC30S IRF-IRG4PC30S Datasheet
120Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC20UDS IRF-IRG4BC20UDS Datasheet
235Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30UD IRF-IRG4BC30UD Datasheet
234Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4PC30KD IRF-IRG4PC30KD Datasheet
178Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com