Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD100EB5 Datasheet(PDF) 4 Page - NEC

Part # RD100EB5
Description  500 mW DHD ZENER DIODE DO-35
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD100EB5 Datasheet(HTML) 4 Page - NEC

  RD100EB5 Datasheet HTML 1Page - NEC RD100EB5 Datasheet HTML 2Page - NEC RD100EB5 Datasheet HTML 3Page - NEC RD100EB5 Datasheet HTML 4Page - NEC RD100EB5 Datasheet HTML 5Page - NEC RD100EB5 Datasheet HTML 6Page - NEC RD100EB5 Datasheet HTML 7Page - NEC RD100EB5 Datasheet HTML 8Page - NEC RD100EB5 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RD2.0E to RD200E
4
Zener Voltage
Dynamic
Knee Dynamic
Reverse Current
Type
Suffix
VZ (V)Note 1
Impedance
Impedance
IR (
µA)
Number
ZZ (
Ω)Note 2
ZZK (
Ω)Note 2
MIN.
MAX.
IZ (mA)
MAX.
IZ (mA)
MAX.
IZ (mA)
MAX.
VR(V)
B
22.26
24.81
B1
22.26
23.12
RD24E
B2
23.75
23.73
5
35
5
200
0.5
0.2
19
B3
23.29
24.27
B4
23.81
24.81
B
24.26
27.64
B1
24.26
25.52
RD27E
B2
24.97
26.26
5
45
5
250
0.5
0.2
21
B3
25.63
26.95
B4
26.29
27.64
B
26.99
30.51
B1
26.99
28.39
RD30E
B2
27.70
29.13
5
55
5
250
0.5
0.2
23
B3
28.36
29.82
B4
29.02
30.51
B
29.68
33.11
B1
29.68
31.22
RD33E
B2
30.32
31.88
5
65
5
250
0.5
0.2
25
B3
30.90
32.50
B4
31.49
33.11
B
32.14
35.77
B1
32.14
33.79
RD36E
B2
32.79
34.49
5
75
5
250
0.5
0.2
27
B3
33.40
35.13
B4
34.01
35.77
B
34.68
40.80
B1
34.68
36.47
B2
35.36
37.19
RD39E
B3
36.00
37.85
5
85
5
250
0.5
0.2
30
B4
36.63
38.52
B5
37.36
39.29
B6
38.14
40.11
B7
38.94
40.80
RD43E
B
40
45
5
90
5
0.2
33
RD47E
B
44
49
5
90
5
0.2
36
RD51E
B
48
54
5
110
5
0.2
39
RD56E
B
53
60
5
110
5
0.2
43
RD62E
B
58
66
2
200
2
0.2
47
RD68E
B
64
72
2
200
2
0.2
52
RD75E
B
70
79
2
300
2
0.2
57
RD82E
B
77
87
2
300
2
0.2
63
RD91E
B
85
96
2
400
2
0.2
69
RD100E
B
94
106
2
400
2
0.2
76
RD110E
B
104
116
1
750
1
0.2
84
RD120E
B
114
126
1
900
1
0.2
91
RD130E
B
120
140
1
1100
1
0.2
100
RD140E
B
130
150
1
1300
1
0.2
110
RD150E
B
140
160
1
1500
1
0.2
120
RD160E
B
150
170
1
1700
1
0.2
130
RD170E
B
160
180
1
1900
1
0.2
140
RD180E
B
170
190
1
2200
1
0.2
140
RD190E
B
180
200
1
2400
1
0.2
150
RD200E
B
190
210
1
2500
1
0.2
160
Note 1. tested with pulse (40 ms)
2. ZZ and ZZK are measured at IZ by given a very small A.C. current signal.
3. Suffix B is Suffix B1, B2, B3, B4, B5, B6 or B7.


Similar Part No. - RD100EB5

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
RD100EB SEMTECH_ELEC-RD100EB Datasheet
477Kb / 8P
   ZENER DIODES
More results

Similar Description - RD100EB5

ManufacturerPart #DatasheetDescription
logo
NEC
RD39ES NEC-RD39ES Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com