Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16823GS Datasheet(PDF) 7 Page - NEC

Part # UPD16823GS
Description  MONOLITHIC H BRIDGE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16823GS Datasheet(HTML) 7 Page - NEC

  UPD16823GS Datasheet HTML 1Page - NEC UPD16823GS Datasheet HTML 2Page - NEC UPD16823GS Datasheet HTML 3Page - NEC UPD16823GS Datasheet HTML 4Page - NEC UPD16823GS Datasheet HTML 5Page - NEC UPD16823GS Datasheet HTML 6Page - NEC UPD16823GS Datasheet HTML 7Page - NEC UPD16823GS Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
µPD16823
7
RECOMMENDED SOLDERING CONDITIONS
It is recommended to solder this product under the conditions shown below.
For soldering methods and conditions other than those listed below, consult NEC.
For details of the recommended soldering conditions, refer to Information Document “Semiconductor Device
Mounting Technology Manual” (C10535E).
Soldering Method
Soldering Condition
Symbol of Recommended
Soldering
Infrared reflow
Package peak temperature: 235
°C, Time: 30 seconds MAX. (210 °C MIN.)
IR35-00-2
Number of times: 2 MAX., Number of days: NoneNote, Flux: Rosin-based
flux with little chlorine component (chlorine: 0.2 Wt% MAX.)
VPS
Package peak temperature: 215
°C, Time: 40 seconds MAX. (200 °C MIN.)
VP15-00-2
Number of times: 2 MAX., Number of days: NoneNote, Flux: Rosin-based
flux with little chlorine component (chlorine: 0.2 Wt% MAX.)
Wave soldering
Package peak temperature: 260
°C, Time: 10 seconds MAX.,
WS60-00-1
Preheating temperature: 120
°C MAX., Number of times: 1, Flux:
Rosin-based flux with little chlorine component (chlorine: 0.2 Wt% MAX.)
Note The number of days during which the product can be stored at 25
°C 65% RH MAX. after the dry pack was
opened.
Caution Do not use two or more soldering methods in combination.
REFERENCE DOCUMENTS
Document Name
Document No.
NEC Semiconductor Device Reliability/Quality Control System
C11745E
Guide to Quality Assurance for Semiconductor Devices
MEI-1202
Safe Operating Area of Power MOS FET
TEA-1037


Similar Part No. - UPD16823GS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16823GS RENESAS-UPD16823GS Datasheet
185Kb / 10P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD16823GS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16823 RENESAS-PD16823_15 Datasheet
185Kb / 10P
   MONOLITHIC H BRIDGE DRIVER
logo
NEC
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD168302 NEC-UPD168302 Datasheet
86Kb / 12P
   MONOLITHIC 2CH H-BRIDGE DRIVER
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16837 NEC-UPD16837 Datasheet
110Kb / 16P
   MONOLITHIC QUAD H BRIDGE DRIVER
logo
Renesas Technology Corp
PD168302 RENESAS-PD168302_15 Datasheet
223Kb / 14P
   MONOLITHIC 2CH H-BRIDGE DRIVER
logo
NEC
UPD16879 NEC-UPD16879 Datasheet
199Kb / 6P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16803 NEC-UPD16803 Datasheet
97Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com