Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC30KD-STRR Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4BC30KD-STRR
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30KD-STRR Datasheet(HTML) 2 Page - International Rectifier

  IRG4BC30KD-STRR Datasheet HTML 1Page - International Rectifier IRG4BC30KD-STRR Datasheet HTML 2Page - International Rectifier IRG4BC30KD-STRR Datasheet HTML 3Page - International Rectifier IRG4BC30KD-STRR Datasheet HTML 4Page - International Rectifier IRG4BC30KD-STRR Datasheet HTML 5Page - International Rectifier IRG4BC30KD-STRR Datasheet HTML 6Page - International Rectifier IRG4BC30KD-STRR Datasheet HTML 7Page - International Rectifier IRG4BC30KD-STRR Datasheet HTML 8Page - International Rectifier IRG4BC30KD-STRR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRG4BC30KD-S
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
67
100
IC = 16A
Qge
Gate - Emitter Charge (turn-on)
11
16
nC
VCC = 400V
See Fig.8
Qgc
Gate - Collector Charge (turn-on)
25
37
VGE = 15V
td(on)
Turn-On Delay Time
60
tr
Rise Time
42
TJ = 25°C
td(off)
Turn-Off Delay Time
160
250
IC = 16A, VCC = 480V
tf
Fall Time
80
120
VGE = 15V, RG = 23Ω
Eon
Turn-On Switching Loss
0.60
Energy losses include "tail"
Eoff
Turn-Off Switching Loss
0.58
mJ
and diode reverse recovery
Ets
Total Switching Loss
1.18
1.6
See Fig. 9,10,14
tsc
Short Circuit Withstand Time
10
——
µs
VCC = 360V, TJ = 125°C
VGE = 15V, RG = 10Ω , VCPK < 500V
td(on)
Turn-On Delay Time
58
TJ = 150°C,
See Fig. 11,14
tr
Rise Time
42
IC = 16A, VCC = 480V
td(off)
Turn-Off Delay Time
210
VGE = 15V, RG = 23Ω
tf
Fall Time
160
Energy losses include "tail"
Ets
Total Switching Loss
1.69
mJ
and diode reverse recovery
LE
Internal Emitter Inductance
7.5
nH
Measured 5mm from package
Cies
Input Capacitance
920
VGE = 0V
Coes
Output Capacitance
110
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
27
—ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
42
60
TJ = 25°C
See Fig.
80
120
TJ = 125°C
14
IF = 12A
Irr
Diode Peak Reverse Recovery Current
3.5
6.0
TJ = 25°C
See Fig.
5.6
10
TJ = 125°C
15
VR = 200V
Qrr
Diode Reverse Recovery Charge
80
180
TJ = 25°C
See Fig.
220
600
TJ = 125°C
16
di/dt = 200Aµs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
180
TJ = 25°C
See Fig.
During tb
160
TJ = 125°C
17
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
S
600
——
VVGE = 0V, IC = 250µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
0.54
V/°CVGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
2.21
2.7
IC = 16A
VGE = 15V
2.88
IC = 28A
See Fig. 2, 5
2.36
IC = 16A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
6.0
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
-12
mV/°CVCE = VGE, IC = 250µA
gfe
Forward Transconductance
T
5.4
8.1
SVCE = 100V, IC = 16A
ICES
Zero Gate Voltage Collector Current
——
250
VGE = 0V, VCE = 600V
——
2500
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
1.4
1.7
IC = 12A
See Fig. 13
1.3
1.6
IC = 12A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
——
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
ns
ns
V
µA
V
nC
A/µs
A
ns


Similar Part No. - IRG4BC30KD-STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30KD-SPBF IRF-IRG4BC30KD-SPBF Datasheet
350Kb / 10P
   INSUKATED GATEBIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC30KD-SPBF IRF-IRG4BC30KD-SPBF Datasheet
376Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFR RECOVERY DIODE
IRG4BC30KD-SPBF IRF-IRG4BC30KD-SPBF_15 Datasheet
376Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFR RECOVERY DIODE
More results

Similar Description - IRG4BC30KD-STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC30KD IRF-IRG4PC30KD Datasheet
178Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30KD IRF-IRG4BC30KD Datasheet
196Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30K IRF-IRG4BC30K Datasheet
137Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30KS IRF-IRG4BC30KS_04 Datasheet
263Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30KS IRF-IRG4BC30KS Datasheet
161Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4PC30K IRF-IRG4PC30K Datasheet
121Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRGPC30MD2 IRF-IRGPC30MD2 Datasheet
421Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=16A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC20UDS IRF-IRG4BC20UDS Datasheet
235Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com