Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE3509M14 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NE3509M14
Description  N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE3509M14 Datasheet(HTML) 3 Page - Renesas Technology Corp

  NE3509M14_15 Datasheet HTML 1Page - Renesas Technology Corp NE3509M14_15 Datasheet HTML 2Page - Renesas Technology Corp NE3509M14_15 Datasheet HTML 3Page - Renesas Technology Corp NE3509M14_15 Datasheet HTML 4Page - Renesas Technology Corp NE3509M14_15 Datasheet HTML 5Page - Renesas Technology Corp NE3509M14_15 Datasheet HTML 6Page - Renesas Technology Corp NE3509M14_15 Datasheet HTML 7Page - Renesas Technology Corp NE3509M14_15 Datasheet HTML 8Page - Renesas Technology Corp NE3509M14_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NE3509M14
R09DS0011EJ0100 Rev.1.00
Page 3 of 10
Jan 21, 2011
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Ambient Temperature TA (
°C)
vs. AMBIENT TEMPERATURE
TOTAL POWER DISSIPATION
250
200
150
100
50
0
50
100
150
200
250
Mounted on Glass Epoxy PCB
(1.08 cm
2
× 1.0 mm (t) )
Gate to Source Voltage VGS (V)
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
VDS = 2 V
50
45
40
35
30
25
20
15
10
5
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
Drain to Source Voltage VDS (V)
DRAIN TO SOURCE VOLTAGE
DRAIN CURRENT vs.
100
20
40
60
80
0
12345
VGS = 0 V
0.2 V
0.3 V
0.1 V
0.4 V
0.5 V
Frequency f (GHz)
ASSOCIATED GAIN vs. FREQUENCY
MINIMUM NOISE FIGURE,
2.0
1.2
1.4
1.6
1.8
0.6
0.8
1.0
0.2
0.4
0.0
20
6
8
10
12
14
18
4
2
16
0
0
5
10
15
NFmin
Ga
VDS = 2 V
ID = 10 mA
Drain Current ID (mA)
ASSOCIATED GAIN vs. DRAIN CURRENT
MINIMUM NOISE FIGURE,
2.0
1.2
1.4
1.6
1.8
0.6
0.8
1.0
0.2
0.4
0.0
20
6
8
10
12
14
18
4
2
16
0
0
5
10
15
20
25
30
35
40
f = 2 GHz
VDS = 2 V
NFmin
Ga
Drain Voltage VDS (V)
ASSOCIATED GAIN vs. DRAIN VOLTAGE
MINIMUM NOISE FIGURE,
2.0
1.2
1.4
1.6
1.8
0.6
0.8
1.0
0.2
0.4
0.0
20
6
8
10
12
14
18
4
2
16
0
1.0
1.5
2.0
2.5
3.0
3.5
NFmin
Ga
f = 2 GHz, ID = 10 mA
Remark The graphs indicate nominal characteristics.


Similar Part No. - NE3509M14_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
More results

Similar Description - NE3509M14_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3519M04 RENESAS-NE3519M04 Datasheet
226Kb / 13P
   N-channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE33284A NEC-NE33284A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE434S01 NEC-NE434S01 Datasheet
77Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com