Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PC30 Datasheet(PDF) 8 Page - International Rectifier

Part # IRG4PC30
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC30 Datasheet(HTML) 8 Page - International Rectifier

  IRG4PC30 Datasheet HTML 1Page - International Rectifier IRG4PC30 Datasheet HTML 2Page - International Rectifier IRG4PC30 Datasheet HTML 3Page - International Rectifier IRG4PC30 Datasheet HTML 4Page - International Rectifier IRG4PC30 Datasheet HTML 5Page - International Rectifier IRG4PC30 Datasheet HTML 6Page - International Rectifier IRG4PC30 Datasheet HTML 7Page - International Rectifier IRG4PC30 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRG4PC30F
8
www.irf.com
Case Outline and Dimensions — TO-247AC
D im ens io ns in M illim eters and (Inc he s )
CONFORMS TO JEDEC OUTLINE TO-247AC (TO-3P)
- D -
5 .30 ( .20 9)
4 .70 ( .18 5)
3.65 (.1 4 3 )
3.55 (.1 4 0 )
2.50 (.089)
1.50 (.059)
4
3X
0.80 (.03 1)
0.40 (.01 6)
2 .60 ( .10 2)
2 .20 ( .08 7)
3.40 (.1 3 3 )
3.00 (.1 1 8 )
3X
0.25 (.010) M
C A S
4.30 (.1 70)
3.70 (.1 45)
- C -
2X
5 .50 (.217 )
4 .50 (.177 )
5 .50 (.21 7)
0.25 (.01 0)
1.40 (.056)
1.00 (.039)
D
M
M
B
- A -
15 .9 0 (.6 26)
15 .3 0 (.6 02)
- B -
1
23
20 .30 (.8 00)
19 .70 (.7 75)
14 .8 0 (.583 )
14 .2 0 (.559 )
2.40 ( .094)
2.00 ( .079)
2X
2X
5.45 (.2 1 5 )
*
NO T ES:
1 DIM E NSIO NS & T O L E RANCING
P E R A N S I Y 14.5M , 1982.
2 CO NT R O L L IN G DIM E NSIO N : INCH.
3 D IM E N S IO N S A R E S H O W N
M ILL IM E T E R S (IN CHES ).
4 C O N F O R M S T O JE D E C O U T L IN E
T O -247A C .
L EAD ASSIG N M E NT S
1 - G A T E
2 - C O L L E C T O R
3 - E M IT T E R
4 - C O L L E C T O R
* LONG ER LEADED (20m m )
VERSIO N AVAIL ABLE ( TO - 247A D )
T O O RDER ADD "-E" SU F F IX
T O PART NUM BE R
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 12/00


Similar Part No. - IRG4PC30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC30F IRF-IRG4PC30F Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRG4PC30FD IRF-IRG4PC30FD Datasheet
210Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRG4PC30FD IRF-IRG4PC30FD Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRG4PC30FDPBF IRF-IRG4PC30FDPBF Datasheet
384Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Fast CoPack 1GBT
IRG4PC30FDPBF IRF-IRG4PC30FDPBF Datasheet
385Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4PC30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30F IRF-IRG4BC30F Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRG4PC30FD IRF-IRG4PC30FD Datasheet
210Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRG4BC30FD IRF-IRG4BC30FD Datasheet
412Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRG4BC30FDPBF IRF-IRG4BC30FDPBF Datasheet
3Mb / 11P
   Fast CoPack 1GBT ( VCES = 600V , VCE(on)typ. = 1.59V , VGE = 15V , IC = 17A )
IRGBC30F IRF-IRGBC30F Datasheet
246Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=17A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC40U IRF-IRG4PC40U Datasheet
148Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
IRG4PC50F IRF-IRG4PC50F Datasheet
146Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
IRG4PC40W IRF-IRG4PC40W Datasheet
116Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.05V, @Vge=15V, Ic=20A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com