Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYL-5013SURC1C Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-5013SURC1C
Description  Water clear led
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-5013SURC1C Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-5013SURC1C_15 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013SURC1C_15 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013SURC1C_15 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013SURC1C_15 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013SURC1C_15 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model. No.
FYL-5013SURC1C
Rev.
A
Http://www.foryard.com
PRODUCT SPECIFICATION
PRODUCT SPECIFICATION
PRODUCT SPECIFICATION
PRODUCT SPECIFICATION
Model No.
Model No.
Model No.
Model No.
FYL
FYL
FYL
FYL----501
501
501
5013
3
3
3S
S
S
SURC1
URC1
URC1
URC1C
C
C
C
Descriptions:
■Dice material: AlGaInP.
■Emitting Color: Super bright Red.
■Device Outline: Φ5mm round type.
■Lens Type: Water clear.
CUSTOMER APPROVED
SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
NINGBO FORYARD OPTOELECTRONICS CO.,LTD.
Add:
NO.115 Qixin Road Ningbo Zhejiang China
Zip:
315051
Tel:
0086-574-87933652
87927870
87922206
Fax:
0086-574-87927917
E-mail:
Sales@foryard.com
General
Http://www.foryard.com


Similar Part No. - FYL-5013SURC1C_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-5013SURC1C FORYARD-FYL-5013SURC1C Datasheet
146Kb / 3P
   LED LAMP
More results

Similar Description - FYL-5013SURC1C_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-5043LURC1E FORYARD-FYL-5043LURC1E Datasheet
271Kb / 5P
   Water clear led
FYL-5044UWC1E FORYARD-FYL-5044UWC1E_15 Datasheet
279Kb / 5P
   Water clear led
FYL-5483UBC1A FORYARD-FYL-5483UBC1A_15 Datasheet
277Kb / 5P
   Water clear led
FYL-10014UWC1A FORYARD-FYL-10014UWC1A_15 Datasheet
279Kb / 5P
   Water clear led
FYL-5012VC1C FORYARD-FYL-5012VC1C Datasheet
279Kb / 5P
   Water clear led
FYL-5013LURC1C FORYARD-FYL-5013LURC1C_15 Datasheet
271Kb / 5P
   Water clear led
FYL-5014UWC1C-30 FORYARD-FYL-5014UWC1C-30 Datasheet
279Kb / 5P
   Water clear led
FYL-5019URPGC1C-CA FORYARD-FYL-5019URPGC1C-CA Datasheet
276Kb / 5P
   Water clear led
FYL-48D4UWC1E-UWW FORYARD-FYL-48D4UWC1E-UWW Datasheet
281Kb / 5P
   Water clear led
FYL-5014BGC1C FORYARD-FYL-5014BGC1C Datasheet
280Kb / 5P
   Water clear led
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com