Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

88523-0096 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 88523-0096
Description  FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 1.5m
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

88523-0096 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  88523-0096 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/24/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
88523-0096
Status:
Active
Overview:
Fiber Optic Product Families
Description:
FC/UPC-to-FC/UPC, Singlemode, 9/125µm/G652, Simplex, 3.00mm, Standard Fiber
Optic Cable Assembly, 1.5m
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
88523
Boot Type
N/A
Connector to Connector
FC/UPC-to-FC/UPC
Mode
Singlemode
Overview
Fiber Optic Product Families
Product Name
FC
UPC
800756541259
Physical
Cable Length
1.50m
Cable Size
3.00mm
Fiber (Core/Cladding)
9/125µm/G652
Single Ended
No
Wire/Cable Type
Simplex
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88523-001
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88523Series
This document was generated on 12/24/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 88523-0096

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
88523-0099 MOLEX11-88523-0099 Datasheet
27Kb / 1P
   FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 0.5m
More results

Similar Description - 88523-0096

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
88523-6005 MOLEX11-88523-6005 Datasheet
27Kb / 1P
   FC/UPC-to-FC/UPC, Singlemode, 9/125m/G655, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 1.5m
88523-0039 MOLEX11-88523-0039 Datasheet
27Kb / 1P
   FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 40.0m
88523-0049 MOLEX11-88523-0049 Datasheet
27Kb / 1P
   FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 50.0m
88523-0005 MOLEX11-88523-0005 Datasheet
27Kb / 1P
   FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 6.0m
88523-0024 MOLEX11-88523-0024 Datasheet
27Kb / 1P
   FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 25.0m
88523-0001 MOLEX11-88523-0001 Datasheet
27Kb / 1P
   FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 2.0m
88523-0008 MOLEX11-88523-0008 Datasheet
27Kb / 1P
   FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 100.0m
88523-0079 MOLEX11-88523-0079 Datasheet
27Kb / 1P
   FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 80.0m
88523-0019 MOLEX11-88523-0019 Datasheet
27Kb / 1P
   FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 20.0m
88523-0007 MOLEX11-88523-0007 Datasheet
27Kb / 1P
   FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 8.0m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com