Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2946-6 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 2946-6
Description  60 MHz Center Frequency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2946-6 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  2946-6 Datasheet HTML 1Page - KR Electronics, Inc. 2946-6 Datasheet HTML 2Page - KR Electronics, Inc. 2946-6 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2009, KR Electronics, Inc.
2946-6, 60 MHz Bandpass, Rev 0, November 2, 2009
Parameter
Specification
Filter type
Bandpass
Center Frequency
60 MHz
Insertion Loss
4 dB max
2.5 dB typical
1 dB Bandwidth
6 MHz min
7.3 MHz typical
3 dB Bandwidth
8 MHz min
9.6 MHz typical
40 dB Bandwidth
17.4 MHz typical
50 dB Bandwidth
19.3 MHz typical
60 dB Bandwidth
21 MHz typical
Source and Load
50

KR Electronics 2946-6
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Surface mount package
2.
Dimensions in inches
3.
Max reflow temperature 230° C for 10 sec
4.
If boards are cleaned after installation units must be completely dried


Similar Part No. - 2946-6

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2946010 PHOENIX-2946010 Datasheet
58Kb / 2P
   Electronic housing - P 1-EMG125
2946023 PHOENIX-2946023 Datasheet
116Kb / 4P
   Electronic housing, for PCB insertion, without screw connection terminal blocks and cover
2946036 PHOENIX-2946036 Datasheet
98Kb / 6P
   Custom circuit module, consisting of housing, MKDS 3 connection terminal blocks and PCB
2946049 PHOENIX-2946049 Datasheet
60Kb / 2P
   Electronic housing - P 1-EMG150
2946078 PHOENIX-2946078 Datasheet
110Kb / 4P
   Electronic housing, with universal foot, for p.c.b. insertion, without screw connection terminal blocks and cover, pitch 5
More results

Similar Description - 2946-6

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2959 KR-2959 Datasheet
71Kb / 3P
   60 MHz Center Frequency
2807-1 KR-2807-1 Datasheet
53Kb / 3P
   60 MHz Center Frequency
2926 KR-2926 Datasheet
102Kb / 3P
   60 MHz Center Frequency
2941-2 KR-2941-2 Datasheet
53Kb / 3P
   60 MHz Center Frequency
2941-1 KR-2941-1 Datasheet
53Kb / 3P
   60 MHz Center Frequency
2882 KR-2882 Datasheet
92Kb / 2P
   60 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
   800 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
   500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
   140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
   210 MHz Center Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com