Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2963-SMA Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2963-SMA
Description  115 MHz Center Frequency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2963-SMA Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2963-SMA Datasheet HTML 1Page - KR Electronics, Inc. 2963-SMA Datasheet HTML 2Page - KR Electronics, Inc. 2963-SMA Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2010, KR Electronics, Inc.
2963-SMA , 485 MHz Bandpass, Rev 0, January 15, 2010
KR Electronics, Inc.
KR Electronics part number 2963-SMA is a 485 MHz bandpass
filter. The filter has a minimum 1 dB bandwidth of 40 MHz.
Other center frequencies and bandwidths available. Please con-
sult the factory.
General Description
KR Electronics, Inc.
Features
 115 MHz Center Frequency
 40 MHz min 1 dB Bandwidth
 50  Source and Load
 SMA Connectors
 Surface Mount available
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2963-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2963 KR-2963 Datasheet
59Kb / 3P
   485 MHz Center Frequency
logo
List of Unclassifed Man...
2963 ETC-2963 Datasheet
111Kb / 1P
   Heyco짰 Double D Hole Plugs
logo
PHOENIX CONTACT
2963019 PHOENIX-2963019 Datasheet
65Kb / 4P
   Relay Module - EMG 10-REL/KSR-G 48/21-LC
2963268 PHOENIX-2963268 Datasheet
101Kb / 2P
   Voltage indication module
2963307 PHOENIX-2963307 Datasheet
65Kb / 3P
   Socket - SD-D/SP/LA
09/12/2020
More results

Similar Description - 2963-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2964-SMA KR-2964-SMA Datasheet
78Kb / 3P
   115 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
   800 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
   500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
   140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
   210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
   975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
   42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
   3 MHz Center Frequency
2574-SMA KR-2574-SMA Datasheet
59Kb / 2P
   20 MHz Center Frequency
2965-SMA KR-2965-SMA Datasheet
75Kb / 3P
   500 MHz Center Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com