Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2971-1 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2971-1
Description  Equalizer, Lowpass
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2971-1 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2971-1 Datasheet HTML 1Page - KR Electronics, Inc. 2971-1 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2010, KR Electronics, Inc.
2971-1, Equalizer, Rev 0, March 12, 2010
Parameter
Specification
Filter type
Lowpass Equalizer
Frequency Band
1400 MHz to 2800 MHz
Rolloff
8 dB ± 1 dB
Source and Load
50

KR Electronics 2971-1
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1. Dimensions in inches
2. Rectangular case


Similar Part No. - 2971-1

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2971-2 KR-2971-2 Datasheet
59Kb / 2P
   Equalizer, Lowpass
More results

Similar Description - 2971-1

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2971-2 KR-2971-2 Datasheet
59Kb / 2P
   Equalizer, Lowpass
3069 KR-3069 Datasheet
60Kb / 2P
   Equalizer
2981 KR-2981 Datasheet
60Kb / 2P
   Equalizer
3075 KR-3075 Datasheet
46Kb / 2P
   Equalizer
3141 KR-3141 Datasheet
53Kb / 2P
   Equalizer
logo
List of Unclassifed Man...
EF2A51A ETC2-EF2A51A Datasheet
58Kb / 1P
   Equalizer
logo
KR Electronics, Inc.
2054 KR-2054 Datasheet
15Kb / 1P
   Lowpass Filter
2082 KR-2082 Datasheet
28Kb / 1P
   Lowpass Filter
2156-20-75 KR-2156-20-75 Datasheet
20Kb / 2P
   Lowpass Filter
2181 KR-2181 Datasheet
29Kb / 1P
   Lowpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com