Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZA035 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # EZA035
Description  Easy Pull Long-Run Display Cable - Type-A Analog PVC Trunk Cable, 35-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

EZA035 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  EZA035 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved EZA035 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Display Style
Easy Pull
Model Type
VGA
Cable Types
CAT6
INPUT
Cable Length (ft.)
35
Cable Length (m)
10.67
PHYSICAL
Color
Black; Green
CONNECTIONS
Connector A
EASY PULL A (FEMALE)
Connector B
EASY PULL A (FEMALE)
Number of Connectors
2
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - EZA035

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
EZA035P TRIPPLITE-EZA035P Datasheet
485Kb / 2P
   Easy Pull Long-Run Display Cable - Type-A Analog Plenum Trunk Cable, 35-ft
More results

Similar Description - EZA035

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
EZA-035 TRIPPLITE-EZA-035 Datasheet
158Kb / 2P
   Easy Pull Long-Run Display Cable - Type-A Analog PVC Trunk Cable, 35-ft.
EZA-035-P TRIPPLITE-EZA-035-P Datasheet
159Kb / 2P
   Easy Pull Long-Run Display Cable - Type-A Analog Plenum Trunk Cable, 35-ft.
EZA035P TRIPPLITE-EZA035P Datasheet
485Kb / 2P
   Easy Pull Long-Run Display Cable - Type-A Analog Plenum Trunk Cable, 35-ft
EZA-100 TRIPPLITE-EZA-100 Datasheet
159Kb / 2P
   Easy Pull Long-Run Display Cable - Type-A Analog PVC Trunk Cable, 100-ft.
EZA050 TRIPPLITE-EZA050 Datasheet
484Kb / 2P
   Easy Pull Long-Run Display Cable - Type-A Analog PVC Trunk Cable, 50-ft
EZA100 TRIPPLITE-EZA100 Datasheet
484Kb / 2P
   Easy Pull Long-Run Display Cable - Type-A Analog PVC Trunk Cable, 100-ft
EZA-050 TRIPPLITE-EZA-050 Datasheet
159Kb / 2P
   Easy Pull Long-Run Display Cable - Type-A Analog PVC Trunk Cable, 50-ft.
EZA-100-P TRIPPLITE-EZA-100-P Datasheet
159Kb / 2P
   Easy Pull Long-Run Display Cable - Type-A Analog Plenum Trunk Cable, 100-ft.
EZA050P TRIPPLITE-EZA050P Datasheet
484Kb / 2P
   Easy Pull Long-Run Display Cable - Type-A Analog Plenum Trunk Cable, 50-ft
EZA100P TRIPPLITE-EZA100P Datasheet
484Kb / 2P
   Easy Pull Long-Run Display Cable - Type-A Analog Plenum Trunk Cable, 100-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com