Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2974 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 2974
Description  330.19 MHz Center Frequency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2974 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  2974 Datasheet HTML 1Page - KR Electronics, Inc. 2974 Datasheet HTML 2Page - KR Electronics, Inc. 2974 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2010, KR Electronics, Inc.
2974, 330.19 MHz Bandpass, Rev 0, April 17, 2010
Parameter
Specification
Filter type
Bandpass
Center Frequency
330.19 MHz
Insertion Loss
5 dB max
3 dB Bandwidth
25 MHz max
20 dB Bandwidth
42 MHz typical
Source and Load
50

2.8 dB typical
22 MHz typical
40 dB Bandwidth
75 MHz typical
60 dB Bandwidth
131 MHz typical
KR Electronics 2974
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Surface mount package
2.
Dimensions in inches
3.
Max reflow temperature 209° C for 10 sec
4.
If boards are cleaned after installation units must be completely dried


Similar Part No. - 2974

ManufacturerPart #DatasheetDescription
logo
Heyco.
2974 HEYCO-2974 Datasheet
117Kb / 1P
   Pry Out Plugs
logo
Christian Bürkert GmbH ...
2974 BURKERT-2974 Datasheet
788Kb / 14P
   T-diaphragm valve with manually operated actuator (FullFunction)
23.01.2024
2974 BURKERT-2974 Datasheet
763Kb / 14P
   T-diaphragm valve with manually operated actuator (basic)
05.03.2024
2974 BURKERT-2974 Datasheet
953Kb / 20P
   2/2-way diaphragm valve with manually operated actuator (FullFunction)
23.01.2024
2974 BURKERT-2974 Datasheet
786Kb / 12P
   Tank bottom diaphragm valve with manually operated actuator (FullFunction)
23.01.2024
More results

Similar Description - 2974

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2917 KR-2917 Datasheet
59Kb / 3P
   800 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
   500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
   140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
   210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
   975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
   42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
   3 MHz Center Frequency
2574-SMA KR-2574-SMA Datasheet
59Kb / 2P
   20 MHz Center Frequency
2965-SMA KR-2965-SMA Datasheet
75Kb / 3P
   500 MHz Center Frequency
2973 KR-2973 Datasheet
53Kb / 3P
   76.8 MHz Center Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com