Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2975-SMA Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 2975-SMA
Description  375 MHz Center Frequency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2975-SMA Datasheet(HTML) 3 Page - KR Electronics, Inc.

  2975-SMA Datasheet HTML 1Page - KR Electronics, Inc. 2975-SMA Datasheet HTML 2Page - KR Electronics, Inc. 2975-SMA Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2010, KR Electronics, Inc.
2975-SMA, Rev 0, August 7, 2010
KR Electronics 2975-SMA
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Parameter
Specification
Filter type
Bandpass
Center Frequency
375 MHz
Insertion Loss
< 1.5 dB
3 dB Bandwidth
200 MHz min
65 dB Bandwidth
300 MHz max
Source and Load
50
Notes:
1. Dimensions in inches
2. Rectangular case
3. Also available in 0.5” x 1.5” x 0.30” surface mount package (part number 2975)


Similar Part No. - 2975-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2975 KR-2975 Datasheet
95Kb / 3P
   375 MHz Center Frequency
logo
Heyco.
2975 HEYCO-2975 Datasheet
117Kb / 1P
   Pry Out Plugs
logo
Christian Bürkert GmbH ...
2975 BURKERT-2975 Datasheet
786Kb / 12P
   Tank bottom diaphragm valve with manually operated actuator (FullFunction)
23.01.2024
2975 BURKERT-2975 Datasheet
785Kb / 12P
   Tank bottom diaphragm valve with manually operated actuator (basic)
05.03.2024
2975 BURKERT-2975 Datasheet
953Kb / 20P
   2/2-way diaphragm valve with manually operated actuator (FullFunction)
23.01.2024
More results

Similar Description - 2975-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2975 KR-2975 Datasheet
95Kb / 3P
   375 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
   800 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
   500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
   140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
   210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
   975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
   42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
   3 MHz Center Frequency
2574-SMA KR-2574-SMA Datasheet
59Kb / 2P
   20 MHz Center Frequency
2965-SMA KR-2965-SMA Datasheet
75Kb / 3P
   500 MHz Center Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com